Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3954TL/NOPB.A Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3954TL/NOPB.A
Description  Advanced Lighting Management Unit
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3954TL/NOPB.A Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3954TL/NOPB.A Datasheet HTML 8Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 9Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 10Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 11Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 12Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 13Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 14Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 15Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
LP3954
SNVS340D – JUNE 2005 – REVISED MARCH 2013
www.ti.com
Vin = 3.6V, Vout = 5.0V if not otherwise stated
Battery Current vs Voltage
Battery Current vs Voltage
Figure 6.
Figure 7.
Boost Line Regulation
Boost Startup with No Load
Figure 8.
Figure 9.
Boost Load Transient, 50 mA–100 mA
Boost Switching Frequency
Figure 10.
Figure 11.
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com