Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP4951CM/NOPB.B Datasheet(PDF) 1 Page - Texas Instruments

Part # LP4951CM/NOPB.B
Description  LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP4951CM/NOPB.B Datasheet(HTML) 1 Page - Texas Instruments

  LP4951CM/NOPB.B Datasheet HTML 1Page - Texas Instruments LP4951CM/NOPB.B Datasheet HTML 2Page - Texas Instruments LP4951CM/NOPB.B Datasheet HTML 3Page - Texas Instruments LP4951CM/NOPB.B Datasheet HTML 4Page - Texas Instruments LP4951CM/NOPB.B Datasheet HTML 5Page - Texas Instruments LP4951CM/NOPB.B Datasheet HTML 6Page - Texas Instruments LP4951CM/NOPB.B Datasheet HTML 7Page - Texas Instruments LP4951CM/NOPB.B Datasheet HTML 8Page - Texas Instruments LP4951CM/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LP4950C-5V, LP4951C
www.ti.com
SNVS208C – SEPTEMBER 2002 – REVISED APRIL 2013
LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators
Check for Samples: LP4950C-5V, LP4951C
1
FEATURES
DESCRIPTION
The LP4950C and LP4951C are micropower voltage
2
•
High Accuracy 5V Specified 100mA Output
regulators with very low quiescent current (75
μA typ.)
•
Extremely Low Quiescent Current
and very low dropout voltage (typ. 40mV at light loads
•
Low Dropout Voltage
and 380mV at 100mA). They are ideally suited for
use in battery-powered systems. Furthermore, the
•
Extremely Tight Load and Line Regulation
quiescent
current
of
the
LP4950C/LP4951C
•
Very Low Temperature Coefficient
increases only slightly in dropout, prolonging battery
•
Use as Regulator or Reference
life.
•
Needs Only 1
μF for Stability
The LP4950C in the popular 3-pin TO-92 package is
•
Current and Thermal Limiting
pin compatible with older 5V regulators. The 8-lead
.
LP4951C is available in a plastic surface mount
package and offers additional system functions.
LP4951C VERSIONS ONLY
One such feature is an error flag output which warns
of a low output voltage, often due to falling batteries
•
Error Flag Warns of Output Dropout
on the input. It may be used for a power-on reset. A
•
Logic-controlled Electronic Shutdown
second feature is the logic-compatible shutdown input
•
Output Pogrammable From 1.24 to 29V
which enables the regulator to be switched on and
off. Also, the part may be pin-strapped for a 5V
output or programmed from 1.24V to 29V with an
external pair of resistors.
Careful
design
of
the
LP4950C/LP4951C
has
minimized all contributions to the error budget. This
includes a tight initial tolerance (.5% typ.), extremely
good load and line regulation (.05% typ.) and a very
low output voltage temperature coefficient, making
the part useful as a low-power voltage reference.
BLOCK DIAGRAM AND TYPICAL APPLICATIONS
LP4950C
LP4951C
Figure 1.
Figure 2.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP4951CM/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP4951CM/NOPB TI1-LP4951CM/NOPB Datasheet
1Mb / 21P
LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators
More results

Similar Description - LP4951CM/NOPB.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2950 NSC-LP2950 Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
LP2954 NSC-LP2954 Datasheet
336Kb / 13P
5V and Adjustable Micropower Low-Dropout Voltage Regulators
LP4950C-5V NSC-LP4950C-5V Datasheet
436Kb / 14P
Adjustable Micropower Voltage Regulators
LP2951 NSC-LP2951 Datasheet
271Kb / 16P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
logo
Texas Instruments
LP2950 TI-LP2950_08 Datasheet
2Mb / 25P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
logo
National Semiconductor ...
LP4950C-5V NSC-LP4950C-5V_05 Datasheet
850Kb / 14P
Adjustable Micropower Voltage Regulators
logo
Texas Instruments
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
Adjustable Micropower Voltage Regulators
LP2954IS TI-LP2954IS Datasheet
1Mb / 24P
LP2954/LP2954A 5V and Adjustable Micropower Low-Dropout Voltage Regulators
LP2954A TI-LP2954A_15 Datasheet
1Mb / 24P
LP2954/LP2954A 5V and Adjustable Micropower Low-Dropout Voltage Regulators
LP4950C-5V TI1-LP4950C-5V Datasheet
1Mb / 21P
LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com