Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA177GS Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA177GS
Description  OPA177 0.1-μV/°C Offset Drift, 10-μV Offset, Low-Noise, Bipolar Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA177GS Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA177GS Datasheet HTML 2Page - Texas Instruments OPA177GS Datasheet HTML 3Page - Texas Instruments OPA177GS Datasheet HTML 4Page - Texas Instruments OPA177GS Datasheet HTML 5Page - Texas Instruments OPA177GS Datasheet HTML 6Page - Texas Instruments OPA177GS Datasheet HTML 7Page - Texas Instruments OPA177GS Datasheet HTML 8Page - Texas Instruments OPA177GS Datasheet HTML 9Page - Texas Instruments OPA177GS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6.5 Electrical Characteristics (continued)
at TA = 25°C, VS = 30 V (±15 V), VCM = VOUT = VS / 2, and RL = 2 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
AOL
Open-loop voltage
gain(6)
–10 V ≤ VO ≤ 10 V
F grade
134
141
dB
G grade
126
135
–10 V ≤ VO ≤ 10 V
TA = –40°C to +85°C
F grade
126
135
G grade
120
132
FREQUENCY RESPONSE
BWCL
Closed-loop bandwidth
G = 1
0.4
0.6
MHz
SR
Slew rate
0.1
0.3
V/µs
OUTPUT
VO
Voltage output swing
RL ≥ 2 kΩ
±13.5
±14
V
TA = –40°C to +85°C
±12
±13
RL ≥ 10 kΩ
±12.5
±13
RL ≥ 1 kΩ
±12
±12.5
ISC
Short-circuit current
±35
mA
RO
Open-loop output
resistance
60
Ω
POWER SUPPLY
Power consumption
IO = 0 A
40
60
mW
TA = –40°C to +85°C
60
75
IQ
Quiescent current
IO = 0 A
1.3
2
mA
TA = –40°C to +85°C
2
2.5
(1)
Long-term input offset voltage stability refers to the averaged trend line of VOS vs time over extended periods after the first 30 days of
operation. Excluding the initial hour of operation, changes in VOS during the first 30 operating days are typically less than 2 μV.
(2)
Specified by characterization.
(3)
Sample tested.
(4)
Specified CMRR test condition.
(5)
Specified by design.
(6)
To maintain high open-loop gain throughout the ±10-V output range, AOL is tested at –10 V ≤ VO ≤ 0 V, 0 V ≤ VO ≤ +10 V, and –10 V ≤
VO ≤ +10 V.
OPA177
SBOS008A – SEPTEMBER 2000 – REVISED SEPTEMBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com