Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUX507IPWR.B Datasheet(PDF) 11 Page - Texas Instruments

Part # MUX507IPWR.B
Description  MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX507IPWR.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button MUX507IPWR.B Datasheet HTML 7Page - Texas Instruments MUX507IPWR.B Datasheet HTML 8Page - Texas Instruments MUX507IPWR.B Datasheet HTML 9Page - Texas Instruments MUX507IPWR.B Datasheet HTML 10Page - Texas Instruments MUX507IPWR.B Datasheet HTML 11Page - Texas Instruments MUX507IPWR.B Datasheet HTML 12Page - Texas Instruments MUX507IPWR.B Datasheet HTML 13Page - Texas Instruments MUX507IPWR.B Datasheet HTML 14Page - Texas Instruments MUX507IPWR.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Source or Drain Voltage (V)
0
6
12
18
24
30
36
0
50
100
150
200
250
D024
VDD = 30 V, VSS = 0 V
VDD = 33 V, VSS = 0 V
VDD = 36 V, VSS = 0 V
Source or Drain Voltage (V)
0
2
4
6
8
10
12
14
0
100
200
300
400
500
600
700
D005
VDD = 10 V, VSS = 0 V
VDD = 12 V, VSS = 0 V
VDD = 14 V, VSS = 0 V
Source or Drain Voltage (V)
-8
-6
-4
-2
0
2
4
6
8
100
200
300
400
500
600
700
D003
VDD = 5 V, VSS = -5 V
VDD = 6 V, VSS = -6 V
VDD = 7 V, VSS = -7 V
Source or Drain Voltage (V)
0
2
4
6
8
10
12
0
100
200
300
400
500
600
700
D004
TA = -40qC
TA = 0qC
TA = 25qC
TA = 85qC
TA = 125qC
Source or Drain Voltage (V)
-18
-14
-10
-6
-2
2
6
10
14
18
50
100
150
200
250
300
350
400
D001
VDD = 18 V, VSS = -18 V
VDD = 16.5 V, VSS = -16.5 V
VDD = 15 V, VSS = -15 V
VDD = 13.5 V, VSS = -13.5 V
VDD = 10 V, VSS = -10 V
Source or Drain Voltage (V)
-18
-14
-10
-6
-2
2
6
10
14
18
0
50
100
150
200
250
300
350
D002
TA = -40qC
TA = 0qC
TA = 25qC
TA = 90qC
TA = 125qC
11
MUX506, MUX507
www.ti.com
SBAS803A – NOVEMBER 2016 – REVISED NOVEMBER 2017
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
6.7 Typical Characteristics
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
Figure 1. On-Resistance vs Source or Drain Voltage
VDD = 15 V, VSS = –15 V
Figure 2. On-Resistance vs Source or Drain Voltage
Figure 3. On-Resistance vs Source or Drain Voltage
VDD = 12 V, VSS = 0 V
Figure 4. On-Resistance vs Source or Drain Voltage
Figure 5. On-Resistance vs Source or Drain Voltage
Figure 6. On-Resistance vs Source or Drain Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com