Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA333AMDBVREP Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA333AMDBVREP
Description  1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA333AMDBVREP Datasheet(HTML) 5 Page - Texas Instruments

  OPA333AMDBVREP Datasheet HTML 1Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 2Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 3Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 4Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 5Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 6Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 7Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 8Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
POWER−SUPPLY REJECTION RANGE vs FREQUENCY
1
120
100
80
60
40
20
0
10k
100k
1k
100
10
Frequency (Hz)
1M
+PSRR
−PSRR
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
0
3
2
1
0
−1
−2
−3
1
Output Current (mA)
10
7
8
9
6
5
4
3
2
−40_C
−40_C
−40_C
+25
_C
+25
_C
+25
_C
+125
_C
+125
_C
V
S = ± 2.75V
V
S = ± 0.9V
INPUT BIAS CURRENT vs COMMON−MODE VOLTAGE
0
100
80
60
40
20
0
−20
−40
−60
−80
−100
1
Common−Mode Voltage (V)
5
4
3
2
−I
B
+I
B
VS = 5V
INPUT BIAS CURRENT vs TEMPERATURE
−50
200
150
100
50
0
−50
−100
−150
−200
−25
Temperature (
_C)
125
100
75
50
25
0
V
S = 5.5V
V
S = 1.8V
−I
B
−I
B
+I
B
+I
B
LARGE−SIGNAL STEP RESPONSE
Time (50
µs/div)
G = 1
R
L = 10kΩ
QUIESCENT CURRENT vs TEMPERATURE
−50
25
20
15
10
5
0
−25
Temperature (
_C)
125
100
75
50
25
0
V
S = 1.8V
V
S = 5.5V
OPA333A-EP
,, OPA2333A-EP
www.ti.com ............................................................................................................................................................ SGLS383B – APRIL 2007 – REVISED JUNE 2008
TYPICAL CHARACTERISTICS (continued)
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA333A-EP OPA2333A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com