Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA333AMDCKREP.A Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA333AMDCKREP.A
Description  1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA333AMDCKREP.A Datasheet(HTML) 4 Page - Texas Instruments

  OPA333AMDCKREP.A Datasheet HTML 1Page - Texas Instruments OPA333AMDCKREP.A Datasheet HTML 2Page - Texas Instruments OPA333AMDCKREP.A Datasheet HTML 3Page - Texas Instruments OPA333AMDCKREP.A Datasheet HTML 4Page - Texas Instruments OPA333AMDCKREP.A Datasheet HTML 5Page - Texas Instruments OPA333AMDCKREP.A Datasheet HTML 6Page - Texas Instruments OPA333AMDCKREP.A Datasheet HTML 7Page - Texas Instruments OPA333AMDCKREP.A Datasheet HTML 8Page - Texas Instruments OPA333AMDCKREP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TYPICAL CHARACTERISTICS
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
OFFSET VOLTAGE DRIFT PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/_C)
OPEN−LOOP GAIN vs FREQUENCY
10
120
100
80
60
40
20
0
−20
250
200
150
100
50
0
−50
−100
100k
10k
1k
100
Frequency (Hz)
1M
COMMON−MODE REJECTION RATIO vs FREQUENCY
1
140
120
100
80
60
40
20
0
100k
10k
1k
100
10
Frequency (Hz)
1M
OPA333A-EP
,, OPA2333A-EP
SGLS383B – APRIL 2007 – REVISED JUNE 2008 ............................................................................................................................................................ www.ti.com
Electrical Characteristics: VS = 1.8 V to 5.5 V (continued)
Boldface limits apply over the specified temperature range, TA = –55°C to 125°C. At TA = 25°C, RL = 10 kΩ connected to
VS/2, VCM = VS/2, and VOUT = VS/2 (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating range
–55
125
°C
Storage range
–65
150
°C
Thermal resistance
θ
JA
SOT23-5
200
°C/W
SO-8
150
°C/W
SC70-5
250
°C/W
At TA = 25°C, VS = 5 V, and CL = 0 pF (unless otherwise noted).
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA333A-EP OPA2333A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com