Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0817536 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0817536
Description  WML 14 (25X19)R - Wire-wrap label
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0817536 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0817536 Datasheet HTML 1Page - PHOENIX CONTACT 0817536 Datasheet HTML 2Page - PHOENIX CONTACT 0817536 Datasheet HTML 3Page - PHOENIX CONTACT 0817536 Datasheet HTML 4Page - PHOENIX CONTACT 0817536 Datasheet HTML 5Page - PHOENIX CONTACT 0817536 Datasheet HTML 6Page - PHOENIX CONTACT 0817536 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Wire-wrap label, Roll, white, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, cable diameter range: 6.1 ... 14.2 mm, mounting
type: adhesive, cable diameter: ≤ 14.2 mm, Number of individual labels: 1500, text field height:
19.1 mm, text field width: 25.4 mm
Your advantages
For indoor and outdoor applications: high resistance to dirt and abrasion due to the protective laminate
•
Firmly defined positioning of labels thanks to the adhesive system
•
Broad diameter range with many different applications inside and outside the control cabinet
•
The wrap-around labels do not create any additional volume, so the cable can also be pulled through cable ducts, for example
•
Quick and easy handling
•
For cylindrical objects, single wires, and cables
•
Commercial data
Item number
0817536
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG15
Product key
BG2311
GTIN
4046356125574
Weight per piece (including packing)
707.3 g
Weight per piece (excluding packing)
661.49 g
Customs tariff number
39199080
Country of origin
DE
WML 14 (25X19)R - Wire-wrap label
0817536
https://www.phoenixcontact.com/us/products/0817536
Aug 18, 2025, 8:11AM
Page 1 (7)


Similar Part No. - 0817536

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0817536 PHOENIX-0817536 Datasheet
6Mb / 76P
THERMOMARK LINE
More results

Similar Description - 0817536

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AR-14-HGW-T ASSMANN-AR-14-HGW-T Datasheet
295Kb / 1P
IDC-Socket, 14 Pin, Wire Wrap
logo
PHOENIX CONTACT
0803137 PHOENIX-0803137 Datasheet
51Kb / 3P
Label - EML (105X23)R
0830485 PHOENIX-0830485 Datasheet
54Kb / 4P
Label - EML (75X10)R
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0815596 PHOENIX-0815596 Datasheet
47Kb / 3P
Label - EML (110XE)R
0830481 PHOENIX-0830481 Datasheet
49Kb / 3P
Label - EML (40X6)R
0830483 PHOENIX-0830483 Datasheet
49Kb / 3P
Label - EML (50X10)R
logo
Keystone Electronics Co...
5070 KEYSTONE-5070 Datasheet
269Kb / 1P
WIRE WRAP PIN
2.27.06
logo
PHOENIX CONTACT
0830691 PHOENIX-0830691 Datasheet
59Kb / 3P
Cable marker label - WML 7,5 (25X13)A4
01/02/2019
0830713 PHOENIX-0830713 Datasheet
53Kb / 3P
Cable marking flags - WML-FLAGV 6 (20X10)R
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com