Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R402DBX032 Datasheet(PDF) 3 Page - GIACOMINI WATER E-MOTION

Part # R402DBX032
Description  Radiator valves with thermostatic option with dynamic flow balancing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R402DBX032 Datasheet(HTML) 3 Page - GIACOMINI WATER E-MOTION

  R402DBX032 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R402DBX032 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R402DBX032 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R402DBX032 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R402DBX032 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION R402DBX032 Datasheet HTML 6Page - GIACOMINI WATER E-MOTION R402DBX032 Datasheet HTML 7Page - GIACOMINI WATER E-MOTION R402DBX032 Datasheet HTML 8Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
Technical data
Performance
• Fluids: water and glycol-based solutions (max. 30 %)
• Temperature range: 5÷95 °C
• Max. working pressure:
16 bar with worksite protection cover
10 bar in combination with thermostatic heads
• Max. differential pressure with thermostatic heads:
1,5 bar (150 kPa)
WARNINGS.
• DB valves are suitable for closed-loop systems for use with non-aggressive fluids (water, glycol-based water complying with VDI 2035/ONORM 5195).
• Mineral oils or mineral oil-based lubricants contained in the heat transfer fluid may cause swelling and damaging of the EPDM gaskets.
• When using ethylene glycol-based anti-freeze and anti-rust products not containing nitrites, refer to the manufacturer’s instructions, especially those concerning
concentrations and specific additives.
• In case of muddy water or water containing impurities, we recommend carrying out a chemical flushing before installing the valves with thermostatic option.
Materials
• Body and main parts:
chrome-plated brass UNI EN 12165 CW617N
• Seals: EPDM
• Worksite protection cover: PP-H
• Internal bonnet:
- monoblock stem: stainless steel
- bonnet body: brass UNI EN 12164 CW617N
- sleeve: plastic
- membrane: EPDM
- O-Ring: EPDM
Adjustment accuracy
∆p max
∆p min
-40
0
40



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com