Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3602 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3602
Description  Google AIY Voice Kit for Raspberry Pi
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3602 Datasheet(HTML) 2 Page - Adafruit Industries

  3602 Datasheet HTML 1Page - Adafruit Industries 3602 Datasheet HTML 2Page - Adafruit Industries 3602 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This no‐soldering‐required kit is an awesome addition to your Raspberry Pi 3 computer, and turns it 
into a smart home assistant! 
Google AIY Projects brings do‐it‐yourself artificial intelligence to your maker projects. With this AIY 
Voice Kit from Google, you can build a standalone voice recognition system using the Google Assistant, 
or add voice recognition and natural language processing to your Raspberry Pi based projects. The kit 
includes all of the components needed to assemble the basic kit that works with the Google Assistant 
SDK as well as on‐device voice recognition with TensorFlow. 
Kit includes: 
o
Voice HAT accessory board ‐ fully assembled 
o
Voice HAT microphone board ‐ fully assembled 
o
Plastic standoffs 
o
3” speaker (wires attached) 
o
Arcade‐style push button 
o
4‐wire button cable 
o
5‐wire daughter board cable 
o
External cardboard box 
o
Internal cardboard frame 
o
Lamp 
o
Micro‐switch 
o
Lamp holder 
Recommended items that are NOT included: 
o
Raspberry Pi 3 ‐ Model B 
o
5V Power Supply 
o
Micro SD Flash Memory 
o
00 Phillips Screwdriver 
o
Scotch Tape 
Technical Details
Assembled Dimensions: 3.75" x 3.65" x 3.8" 
Assembled Weight (with Raspberry Pi): 220g / 0.48 lbs 
 
Resources: 
o
Google Assistant SDK guides https://developers.google.com/assistant/sdk 
o
Voice Kit SD image https://dl.google.com/dl/aiyprojects/voice/aiyprojects‐latest.img.xz 
o
Assembly Guide https://aiyprojects.withgoogle.com/voice#assembly‐guide‐1‐get‐the‐voice‐kit‐sd‐image 
o
User's Guide https://aiyprojects.withgoogle.com/voice#users‐guide‐1‐setting‐up‐your‐device 
o
Maker's Guide https://aiyprojects.withgoogle.com/voice#makers‐guide‐2‐build‐on‐android‐things 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com