Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7AS Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A7AS
Description  Thumbwheel Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A7AS Datasheet(HTML) 2 Page - Omron Electronics LLC

  A7AS Datasheet HTML 1Page - Omron Electronics LLC A7AS Datasheet HTML 2Page - Omron Electronics LLC A7AS Datasheet HTML 3Page - Omron Electronics LLC A7AS Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A7AS
A7AS
2
Characteristics
Switching capacity
1 mA to 0.1 A 50 VAC/28 VDC (resistive load)
Carry current
1 A (max.)
Contact resistance
200 m
Ω max.
Insulation resistance
10 M
Ω min. (at 500 VDC) between nonconnected terminals
1,000 M
Ω min. (at 500 VDC) between each terminal and noncurrent-carrying part
Dielectric strength
600 VAC, 50/60 Hz for 1 minute between nonconnected terminals
1,000 VAC, 50/60 Hz for 1 minute between each terminal and noncurrent-carrying part
Operating force
400 g max.
Vibration
10 to 55 Hz, 1.5 mm double amplitude
Shock
500 m/s2 (approx. 50 G)
Ambient temperature
Operating
-40o to 85oC
Storage
-40o to 85oC
Humidity
85% RH max.
Service life
Mechanical
1,000,000 operations (steps) min.
Electrical
50,000 operations (steps) min.
Weight (per unit)
Approx. 7.6 g
Unit: mm (inch)
s SWITCH UNITS
A7AS-203(-1), A7AS-206(-1)
A7AS-207(-1), A7AS-219(-1)
A7AS-222(-1)
Dimensions
No. of
A
B
C
units (n)
(8n + 11)
(8n + 8)
(B + 1)
1
19 (0.75)
16 (0.63)
17 (0.67)
2
27 (1.06)
24 (0.94)
25 (0.98)
3
35 (1.38)
32 (1.26)
33 (1.30)
4
43 (1.69)
40 (1.57)
41 (1.66)
5
51
± 0.8
48
± 0.8
49 (1.93)
(2
± 0.03)
(1.89
± 0.03)
6
59
± 0.8
56
± 0.8
57 (2.24)
(2.32
± 0.03)
(2.20
± 0.03)
7
67
± 0.8
64
± 0.8
65 (2.56)
(2.64
± 0.03)
(2.52
± 0.03)
8
75
± 0.8
72
± 0.8
73 (2.87)
(2.95
± 0.03)
(2.83
± 0.03)
9
83
± 0.8
80
± 0.8
81 (3.19)
(3.27
± 0.03)
(3.15)
10
91
± 0.8
88
± 0.8
89 (3.50)
(3.58
± 0.03)
(3.46
± 0.03)
Panel cutout
Note:
Data shown are of initial value.
Note: 1. Unless otherwise specified, a tolerance of
± 0.4 mm applies to all dimensions.
2. Each model number applies to a single switch unit and not to the switch assembly as shown in the drawings.
Note:
Dimension * is 41.5 (1.63) for the switch with
output code “03” or “06,” and 53.5 (2.11) for
the switch with output code “07” or “19.”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com