Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KST2000G Datasheet(PDF) 1 Page - Multicomp Pro

Part # KST2000G
Description  Crimp Tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

KST2000G Datasheet(HTML) 1 Page - Multicomp Pro

  KST2000G Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
02/10/20
Crimp Tool
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Dimensions : Millimetres
Part Number Table
Description
Part Number
Crimp Tool
KST2000G
Specifications:
Colour
: Blue
Crimp Application
: 10AWG to 22AWG Non-InsulatedTerminals
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - KST2000G

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
KST2000B MULTICOMP-KST2000B Datasheet
259Kb / 1P
Crimp Tool
31/07/20 V1.0
KST2000D-1306 MULTICOMP-KST2000D-1306 Datasheet
193Kb / 1P
Crimp Tool
02/10/20 V1.0
KST2000D-1322 MULTICOMP-KST2000D-1322 Datasheet
165Kb / 1P
Crimp Tool
KST2000D-1516 MULTICOMP-KST2000D-1516 Datasheet
694Kb / 4P
Crimp Tool
31/07/20 V1.0
KST2000L MULTICOMP-KST2000L Datasheet
148Kb / 1P
Crimp Tool Bootlace, Cord End
02/10/20 V1.0
More results

Similar Description - KST2000G

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63811-6300 MOLEX11-63811-6300 Datasheet
39Kb / 1P
Hand Crimp Tool
63811-7000 MOLEX11-63811-7000 Datasheet
40Kb / 1P
Hand Crimp Tool
63811-9300 MOLEX11-63811-9300 Datasheet
39Kb / 1P
Hand Crimp Tool
64001-0300 MOLEX11-64001-0300 Datasheet
53Kb / 1P
Hand Crimp Tool
64001-0500 MOLEX11-64001-0500 Datasheet
53Kb / 1P
Hand Crimp Tool
64001-2300 MOLEX11-64001-2300 Datasheet
53Kb / 1P
Hand Crimp Tool
64001-2500 MOLEX11-64001-2500 Datasheet
53Kb / 1P
Hand Crimp Tool
64001-4900 MOLEX11-64001-4900 Datasheet
36Kb / 1P
Hand Crimp Tool
64003-0400 MOLEX11-64003-0400 Datasheet
45Kb / 1P
Hand Crimp Tool
64003-0800 MOLEX11-64003-0800 Datasheet
45Kb / 1P
Hand Crimp Tool
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com