Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4872MDREP Datasheet(PDF) 20 Page - Texas Instruments

Part # OPA4872MDREP
Description  4:1 HIGH-SPEED MULTIPLEXER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4872MDREP Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA4872MDREP Datasheet HTML 16Page - Texas Instruments OPA4872MDREP Datasheet HTML 17Page - Texas Instruments OPA4872MDREP Datasheet HTML 18Page - Texas Instruments OPA4872MDREP Datasheet HTML 19Page - Texas Instruments OPA4872MDREP Datasheet HTML 20Page - Texas Instruments OPA4872MDREP Datasheet HTML 21Page - Texas Instruments OPA4872MDREP Datasheet HTML 22Page - Texas Instruments OPA4872MDREP Datasheet HTML 23Page - Texas Instruments OPA4872MDREP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
External
Pin
+V
CC
-VCC
Internal
Circuitry
INPUT AND ESD PROTECTION
OPA4872-EP
SBOS444 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
e) Socketing a high-speed part like the OPA4872
is not recommended. The additional lead length and
pin-to-pin capacitance introduced by the socket can
create an extremely troublesome parasitic network
that can make it almost impossible to achieve a
smooth, stable frequency response. Best results are
obtained by soldering the OPA4872 onto the board.
Figure 36. Internal ESD Protection
The OPA4872 is built using a very high-speed
complementary bipolar process. The internal junction
These diodes provide moderate protection to input
breakdown voltages are relatively low for these very
overdrive voltages above the supplies as well. The
small geometry devices. These breakdowns are
protection
diodes
can
typically
support
30-mA
reflected in the Absolute Maximum Ratings table. All
continuous
current.
Where
higher
currents
are
device pins have limited ESD protection using internal
possible (for example, in systems with ±15-V supply
diodes to the power supplies as shown in Figure 36.
parts driving into the OPA4872), current-limiting
series resistors should be added into the two inputs.
Keep these resistor values as low as possible
because high values degrade both noise performance
and frequency response.
20
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4872-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com