Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBOU006 Datasheet(PDF) 21 Page - Texas Instruments

Part # SBOU006
Description  Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SBOU006 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SBOU006 Datasheet HTML 17Page - Texas Instruments SBOU006 Datasheet HTML 18Page - Texas Instruments SBOU006 Datasheet HTML 19Page - Texas Instruments SBOU006 Datasheet HTML 20Page - Texas Instruments SBOU006 Datasheet HTML 21Page - Texas Instruments SBOU006 Datasheet HTML 22Page - Texas Instruments SBOU006 Datasheet HTML 23Page - Texas Instruments SBOU006 Datasheet HTML 24Page - Texas Instruments SBOU006 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
OPA3691
21
www.ti.com
SBOS227E
output, but the circuit will still show very high forward and
reverse isolation. If configured as an inverting amplifier, the
input and output will be connected through the feedback
network resistance (RF + RG) giving relatively poor input to
output isolation.
One key parameter in disable operation is the output glitch
when switching in and out of the disable mode. Figure 14
shows these glitches for the circuit of Figure 1 with the input
signal set to 0V. The glitch waveform at the output pin is
plotted along with the DIS pin voltage.
FIGURE 14. Disable/Enable Glitch.
30
20
10
0
–10
–20
–30
Time (20ns/div)
6.0
4.0
2.0
0.0
As a worst-case example, compute the maximum TJ using an
OPA3691 SO-16 (see the circuit of Figure 1), operating at the
maximum specified ambient temperature of +85
°C with all
three outputs driving a grounded 20
Ω load to +2.5V:
PD = 10V • 17.1mA + 3 • [52/(4 • (20Ω || 804Ω))] = 1.13W
Maximum TJ = +85°C + (1.13 • 100°C/W) = 198°C
This absolute worst-case condition exceeds specified maxi-
mum junction temperature. Normally this extreme case will
not be encountered. Careful attention to internal power
dissipation is required and perhaps airflow considered under
extreme conditions.
BOARD LAYOUT GUIDELINES
Achieving optimum performance with a high-frequency am-
plifier like the OPA3691 requires careful attention to board
layout parasitics and external component types. Recommen-
dations that will optimize performance include:
a) Minimize parasitic capacitance to any AC ground for all
of the signal I/O pins. Parasitic capacitance on the output and
inverting input pins can cause instability: on the noninverting
input, it can react with the source impedance to cause
unintentional bandlimiting. To reduce unwanted capacitance,
a window around the signal I/O pins should be opened in all
of the ground and power planes around those pins. Other-
wise, ground and power planes should be unbroken else-
where on the board.
b) Minimize the distance (< 0.25") from the power-supply
pins to high-frequency 0.1
µF decoupling capacitors. At the
device pins, the ground and power plane layout should not
be in close proximity to the signal I/O pins. Avoid narrow
power and ground traces to minimize inductance between
the pins and the decoupling capacitors. The power-supply
connections (on pins 4 and 7) should always be decoupled
with these capacitors. An optional supply decoupling capaci-
tor across the two power supplies (for bipolar operation) will
improve 2nd-harmonic distortion performance. Larger (2.2
µF
to 6.8
µF) decoupling capacitors, effective at lower frequency,
should also be used on the main supply pins. These may be
placed somewhat farther from the device and may be shared
among several devices in the same area of the PCB.
c) Careful selection and placement of external compo-
nents will preserve the high-frequency performance of
the OPA3691. Resistors should be a very low reactance
type. Surface-mount resistors work best and allow a tighter
overall layout. Metal-film and carbon composition, axially
leaded resistors can also provide good high-frequency per-
formance. Again, keep their leads and PCB trace length as
short as possible. Never use wirewound type resistors in a
high-frequency application. Since the output pin and invert-
ing input pin are the most sensitive to parasitic capacitance,
always position the feedback and series output resistor, if
any, as close as possible to the output pin. Other network
components, such as noninverting input termination resis-
tors, should also be placed close to the package. Where
double-side component mounting is allowed, place the feed-
back resistor directly under the package on the other side of
the board between the output and inverting input pins. The
The transition edge rate (dv/dt) of the DIS control line will
influence this glitch. For the plot of Figure 14, the edge rate
was reduced until no further reduction in glitch amplitude was
observed. This approximately 1V/ns maximum slew rate may
be achieved by adding a simple RC filter into the V
DIS pin
from a higher speed logic line. If extremely fast transition
logic is used, a 2k
Ω series resistor between the logic gate
and the V
DIS input pin will provide adequate bandlimiting
using just the parasitic input capacitance on the V
DIS pin
while still ensuring adequate logic level swing.
THERMAL ANALYSIS
Due to the high output power capability of the OPA3691,
heatsinking or forced airflow may be required under extreme
operating conditions. Maximum desired junction temperature
will set the maximum allowed internal power dissipation as
described below. In no case should the maximum junction
temperature be allowed to exceed 175
°C. Operating junction
temperature (TJ) is given by TA + PD • θJA. The total internal
power dissipation (PD) is the sum of quiescent power (PDQ)
and additional power dissipation in the output stage (PDL) to
deliver load power. Quiescent power is simply the specified
no-load supply current times the total supply voltage across
the part. PDL will depend on the required output signal and
load but would, for a grounded resistive load, be at a
maximum when the output is fixed at a voltage equal to 1/2
of either supply voltage (for equal bipolar supplies). Under
this condition, PDL = VS2/(4 • RL) where RL includes feedback
network loading.
Note that it is the power in the output stage and not into the
load that determines internal power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com