Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1802DBRG4.B Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM1802DBRG4.B
Description  PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1802DBRG4.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1802DBRG4.B Datasheet HTML 17Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 18Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 19Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 20Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 21Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 22Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 23Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 24Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
1/fS
32/fS
NORMAL DATA
ZERO DATA
UNDEFINED
DATA
NORMAL DATA
SYNCHRONOUS
ASYNCHRONOUS
SYNCHRONOUS
Resynchronization
Synchronization Lost
DOUT
State of Synchronization
T0020-05
21
PCM1802
www.ti.com
SLES023D – DECEMBER 2001 – REVISED DECEMBER 2016
Product Folder Links: PCM1802
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Figure 27 illustrates the digital output response for loss of synchronization and resynchronization. During
undefined data, some noise might be generated in the audio signal. The transition of normal to undefined data
and undefined or zero data to normal creates a data discontinuity in the digital output, which generates some
noise in the audio signal.
TI recommends setting PDWN low to achieve stable analog performance when the sampling rate, interface
mode, data format, or oversampling control is changed.
Figure 27. ADC Digital Output for Loss of Synchronization and Resynchronization
7.4.3 Master Mode
In master mode, BCK, LRCK, and FSYNC work as output pins, and these pins are controlled by timing which is
generated in the clock circuit of the PCM1802. FSYNC is used to designate the valid data from the PCM1802.
The rising edge of FSYNC indicates the starting point of the converted audio data and the falling edge of this
signal indicates the ending point of the data. The frequency of this signal is fixed at 2 × LRCK. The duty cycle
ratio depends on data bit length. The frequency of BCK is fixed at 64 × LRCK. The 768-fS system clock is not
available in master mode.
7.4.4 Slave Mode
In slave mode, BCK, LRCK, and FSYNC work as input pins. FSYNC enables the BCK signal, and the device can
shift out the converted data while FSYNC is HIGH. The PCM1802 accepts the 64-fS BCK or the 48-fS BCK
format. The delay of FSYNC from the LRCK transition must be within 16 BCKs for the 64-fS BCK format and
within 12 BCKs for the 48-fS BCK format.
7.4.5 Interface Mode
The PCM1802 supports master mode and slave mode as interface modes, and they are selected by MODE1 and
MODE0 as shown in Table 9.
In master mode, the PCM1802 provides the timing for serial audio data communications between the PCM1802
and the digital audio processor or external circuit. In slave mode, the PCM1802 receives the timing for data
transfer from an external controller.
Table 9. Interface Mode
MODE1
MODE0
INTERFACE MODE
0
0
Slave mode (256 fS, 384 fS, 512 fS, 768 fS)
0
1
Master mode (512 fS)
1
0
Master mode (384 fS)
1
1
Master mode (256 fS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com