Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1802DB.B Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM1802DB.B
Description  PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1802DB.B Datasheet(HTML) 4 Page - Texas Instruments

  PCM1802DB.B Datasheet HTML 1Page - Texas Instruments PCM1802DB.B Datasheet HTML 2Page - Texas Instruments PCM1802DB.B Datasheet HTML 3Page - Texas Instruments PCM1802DB.B Datasheet HTML 4Page - Texas Instruments PCM1802DB.B Datasheet HTML 5Page - Texas Instruments PCM1802DB.B Datasheet HTML 6Page - Texas Instruments PCM1802DB.B Datasheet HTML 7Page - Texas Instruments PCM1802DB.B Datasheet HTML 8Page - Texas Instruments PCM1802DB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
PCM1802
SLES023D – DECEMBER 2001 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: PCM1802
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
VCC
6.5
V
VDD
4
Ground voltage differences
AGND and DGND
±0.1
V
Supply voltage difference (VCC – VDD)
VCC and VDD
3 V
V
Digital input voltage
FSYNC, LRCK, BCK, and DOUT
–0.3
VDD + 0.3
V
PDWN, BYPAS, SCKI, OSR, FMT0, FMT1,
MODE0, and MODE1
–0.3
6.5
Analog input voltage
VINL, VINR, VREF1, and VREF2
–0.3
VCC + 0.3
V
Input current (any pins except supplies)
±10
mA
Ambient temperature under bias
–40
125
°C
Junction temperature
150
°C
Package temperature (IR reflow, peak)
260
°C
Storage temperature, Tstg
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Analog supply voltage, VCC
5
V
Digital supply voltage, VDD
3.3
V
Analog input voltage, full-scale (–0 dB)
3
VP–P
Digital input logic family
TTL
Digital input clock frequency
Sampling clock
8.192
49.152
MHz
System clock
32
96
kHz
Digital output load capacitance
20
pF
Operating free-air temperature, TA
–40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com