Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2903CDB Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM2903CDB
Description  PCM2903C Stereo Audio Codec With USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2903CDB Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM2903CDB Datasheet HTML 20Page - Texas Instruments PCM2903CDB Datasheet HTML 21Page - Texas Instruments PCM2903CDB Datasheet HTML 22Page - Texas Instruments PCM2903CDB Datasheet HTML 23Page - Texas Instruments PCM2903CDB Datasheet HTML 24Page - Texas Instruments PCM2903CDB Datasheet HTML 25Page - Texas Instruments PCM2903CDB Datasheet HTML 26Page - Texas Instruments PCM2903CDB Datasheet HTML 27Page - Texas Instruments PCM2903CDB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
28
27
26
25
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
SSPND
XTI
V
DD
DGND
DOUT
DIN
XTO
V
CCP2
AGNDX
V
CCX
D+
D–
MUTE/
Power Down
C
1
11
12
13
14
D+
D-
V
BUS
DGNDU
HID0
HID1
HID2
SEL0
SEL1
V
CCC
AGNDC
V L
IN
V R
IN
V
COM
18
17
16
15
V
CCP1
V
L
OUT
V
R
OUT
AGNDP
22 W
22 W
V
(3.3 V)
DD
1.5 k
3
W ×
IC1
1.5 kW
GND
V
BUS
1 MW
C
2
C
9
C
10
V
(3.3 V)
CC
1 MW
12 MHz
C
5
C
6
C
3
C
4
C
7
C
8
C
11
C
12
LPF,
Amp
LPF,
Amp
PCM2903C
SBFS038A – JUNE 2012 – REVISED SEPTEMBER 2015
www.ti.com
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The VBUS allows the device to know when it has been plugged to a USB connection port. The SSPND’ flag will
notify when the USB input is idle for at least 5ms; this flag can be used to control or notify subsequent circuits.
More functional details can be found on Interface Sequence.
10.2 Typical Application
Figure 41 illustrates a typical circuit connection for a simple application. The circuit illustrated is for information
only. The entire board design should be considered to meet the USB specification as a USB-compliant product.
NOTE: IC1 must be driven by VDD with a 5-V tolerant input.
C1, C2, C3, C4, C7, C8: 10 μF
C5, C6: 10 pF to 33 pF (depending on crystal resonator)
C9, C10, C11, C12: The capacitance may vary depending on design.
Figure 41. Self-Powered Configuration
10.2.1 Design Requirements
For this example, Table 6 lists the design parameters.
Table 6. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
3 V to 3.6 V
Current
50 mA to 70 mA
Input clock frequency
11.994 MHz to 12.006 MHz
24
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: PCM2903C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com