Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2912 Datasheet(PDF) 26 Page - Texas Instruments

Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2912 Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCM2912 Datasheet HTML 22Page - Texas Instruments PCM2912 Datasheet HTML 23Page - Texas Instruments PCM2912 Datasheet HTML 24Page - Texas Instruments PCM2912 Datasheet HTML 25Page - Texas Instruments PCM2912 Datasheet HTML 26Page - Texas Instruments PCM2912 Datasheet HTML 27Page - Texas Instruments PCM2912 Datasheet HTML 28Page - Texas Instruments PCM2912 Datasheet HTML 29Page - Texas Instruments PCM2912 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
www.ti.com
TYPICAL CIRCUIT CONNECTION
R1
R2
6
5
4
3
2
1
8
7
26
25
32
31
30
29
28
27
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
POWER
MBIAS
BGND
TEST1
TEST0
SSPND
MMUTE
REC
PLAY
PGND
PCM2912
FL
FR
VCOM1
VCOM2
AGND
N.C.
VCCA
VIN
X1
C2
R4
VBUS D –
D+ GND
USBConnector
C3
C1
Microphone
Headphone
PLAY
REC.
MicMute
R8
R9
C17
C14
C15
R6
C12
R7
C4
C5
C11
R10
R11
R1 2
R1 3
C6
C7
C8
C9
C10
C13
C16
R5
R3
V
CCP
C18
L1
PCM2912
SLES216 – FEBRUARY 2008
A bus-powered (Hi-power), +20-dB microphone amplifier application example follows.
NOTE: X1: 6-MHz crystal resonator
C1, C8, C11, C14, C17, C18: 1 µF ceramic
C2, C3: 10 pF to 33 pF (depending on load capacitance of crystal resonator)
C4, C5: 100 pF ceramic
C6, C10: 3.3 µF
C7: 0.1 µF
C9: 0.22 µF electrolytic (depending on required frequency response for microphone input)
C12, C15: 0.022 µF ceramic
C13, C16: 100 µF electrolytic (depending on required frequency response for headphone output)
R1, R2: 22 Ω to 33 Ω
R3: 1.5 kΩ
R4: 1 MΩ
R5: 1 kΩ (depending on microphone characteristic)
R6, R9: 16 Ω
R7, R8, R10, R11: 3.3 kΩ
R12, R13: 820 Ω (depending on LED drive current)
L1: 1 µH (DC resistance <0.6 Ω)
It is possible to change maximum power, if total power of actual application does not require over 100 mA (POWER =
Low to configure as low-power device).
Figure 37. USB Headset Application
NOTE:
The preceding circuit is for information only. Total board design should be considered
in order to meet the USB specification as a USB-compliant product.
26
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM2912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com