Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JK06EM48SW1 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JK06EM48SW1
Description  VG95234 Qualified Circular Waterproof Connector, 48 pos., Socket Contact, Cable Clamp Plug, Insert Rotation Position: W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JK06EM48SW1 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JK06EM48SW1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JK06EM48SW1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JK06EM48SW1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JK06EM48SW1
Features
VG95234 Qualified Circular Waterproof Connector, 48 pos., Socket Contact, Cable Clamp Plug, Insert Rotation Position: W
Part Number
JK06EM48SW1
Status
Active
Number of Positions
48 pos.
Rated Current
13 A
Waterproof/ Non-waterproof
IP67 rated in mated condition
Connector Type
Cable Clamp Plug
Connector Style
Straight
Contact Type
Socket
Wire Termination Method
Crimp
Applicable Wire Size (AWG)
#16 to #14
Coupling Style
Bayonet lock
Contact Size
#16
Shell Size
M: 36 size
MIL-spec Arrangement Code
36 - 10
Contact Size X No. of Contacts
#16 X 48
Applicable Wire (Cross-
1.25 mm² to 2.0 mm²
Product Details


Similar Part No. - JK06EM48SW1

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JK06EM48SW2-F0 JAE-JK06EM48SW2-F0 Datasheet
175Kb / 3P
VG95234 Qualified Circular Waterproof Connector, 48 pos., Socket Contact (Sold separately), Cable Clamp Plug, Insert Rotation Position: W
More results

Similar Description - JK06EM48SW1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
IT3057-20CF2 GLENAIR-IT3057-20CF2 Datasheet
638Kb / 2P
Waterproof Cable Clamp
logo
Assmann Electronics Inc...
A-CR-04PMMP-LC-WP ASSMANN-A-CR-04PMMP-LC-WP Datasheet
48Kb / 1P
Waterproof Circular connector
logo
Hirose Electric
RM-W HIROSE-RM-W Datasheet
627Kb / 16P
General-purpose Multi-Contact Circular Waterproof Connectors
logo
Japan Aviation Electron...
JK06 JAE-JK06 Datasheet
781Kb / 10P
VG95234 Qualified Circular Waterproof Connector
logo
TE Connectivity Ltd
C-1103429 TEC-C-1103429 Datasheet
258Kb / 1P
FEMALE INSERT ASSY SERIES HC26, 8-POS., TYPE IIICIRCULAR HYBRID CONNECTOR
logo
PHOENIX CONTACT
2304908 PHOENIX-2304908 Datasheet
75Kb / 3P
Assembled circular cable, with two 20-pos.
2304911 PHOENIX-2304911 Datasheet
76Kb / 3P
Assembled circular cable, with two 20-pos.
2304924 PHOENIX-2304924 Datasheet
75Kb / 3P
Assembled circular cable, with two 20-pos.
logo
HARTING Technology Grou...
09-33-016-2728 HARTING-09-33-016-2728 Datasheet
490Kb / 2P
Han ES 16 Pos. F Insert Cage Clamp Term
logo
Japan Aviation Electron...
JL04V-6A22-22SE-EB-R JAE-JL04V-6A22-22SE-EB-R Datasheet
67Kb / 4P
Straight plug, TÜV, Waterproof (when mated) type, 4 pos., Socket, Contact arrangement code: 22-22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com