Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH03060YAST Datasheet(PDF) 9 Page - Texas Instruments

Part # PTH03060YAST
Description  10-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH03060YAST Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH03060YAST Datasheet HTML 5Page - Texas Instruments PTH03060YAST Datasheet HTML 6Page - Texas Instruments PTH03060YAST Datasheet HTML 7Page - Texas Instruments PTH03060YAST Datasheet HTML 8Page - Texas Instruments PTH03060YAST Datasheet HTML 9Page - Texas Instruments PTH03060YAST Datasheet HTML 10Page - Texas Instruments PTH03060YAST Datasheet HTML 11Page - Texas Instruments PTH03060YAST Datasheet HTML 12Page - Texas Instruments PTH03060YAST Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.ti.com
Designing for Very Fast Load Transients
PTH03060Y
PTH05060Y, PTH12060Y
SLTS222A–MARCH 2004–REVISED OCTOBER 2005
APPLICATION INFORMATION (continued)
Table 1. Input/Output Capacitors (continued)
Capacitor Characteristics
Quantity
Capacitor Vendor,
Vendor
Working
Max ESR
Max Ripple
Physical
Value
Input
Output
Type/Series (Style)
Part Number
Voltage
at 100 kHz
Current at 85°CSize
(µF)
Bus
Bus
(V)
(Ω)
(Irms) (mA)
(mm)
Panasonic, Poly-Aluminum:
S/SE (SMD)
6.3
180
0.005
4000
7,.3×4,3×4,2
2
N/R(2)
EEFSE0J181R
Sanyo
SEPC, Os-con (Radial)
16
470
0.010
6100
10×13
1
≤1
16SEPC470M
SVP (SMD)
6.3
470
0.015
4210
8×11,9
1
≤2
6SVP470M
TPE, Poscap (SMD)
6.3
330
0.025
2400
7.3×4.3
1
≤3
6TPE330ML
AVX, Tantalum
7.3L ×5.7W
TPS Series III
10
470
0.045
1915
1
≤5
TPSE477M010R0045
×4.1H
TPS (SMD)
10
470
0.100
1432
1
≤5
TPSV477M010R0100
Kemet, Poly-Tantalum
4.3W ×7.3L
T520 (SMD)
10
330
0.040
1800
1
1
T520X337M010AS
×4.0H
T530 (SMD)
10
330
0.010
>5200
1
≤1
T530X337M010ASE010
Vishay-Sprague
595D, Tantalum (SMD)
10
330
0.100
1040
1
≤5
595D377x0010D2T
594D, Tantalum (SMD)
10
330
0.045
2360
1
≤5
594D337X0016R2T
7.2L×6W
94SA,Poly-Aluminum (SMD)
6.3
330
0.025
3500
1
≤3
94SA337X06R3FBP
×4.1H
94SVP, Poly-Aluminum
6.3
470
0.017
3960
10 ×10,5
1
≤2
94SVP477X06R3E12
(SMD)
8,3x12
Kemet, Ceramic X5R (SMD)
16
10
0.002
–
3225 mm
1
≤5
C1210C106M4PAC
6.3
47
0.002
3225 mm
1
≤5
C1210C476K9PAC
Murata, Ceramic X5R (SMD)
6.3
100
0.002
–
3225 mm
1(3)
≤3
GRM32ER60J107M
6.3
47
3225 mm
1(3)
≤5
GRM32ER60J476M
16
22
1(3)
≤5
GRM32ER61C226K
16
10
1(3)
≤5
GRM32DR61C106K
TDK, Ceramic X5R (SMD)
6.3
100
0.002
–
3225 mm
1(3)
≤3
C3225X5R0J107MT
6.3
47
3225 mm
1(3)
≤5
C3225X5R0J476MT
16
22
1(3)
≤5
C3225X5R1C226MT
16
10
1(3)
≤5
C3225X5R1C106MT
(2) N/R – Not recommended. The capacitor does not meet the minimum operating limits.
(3) A ceramic capacitor may be used to compliment electrolytic types at the input to further reduce high-frequency ripple current.
The transient response of the DC/DC converter has been characterized using a load transient with a di/dt of 1
A/µs. The typical voltage deviation for this load transient is given in the data sheet specification table using the
optional value of output capacitance. As the di/dt of a transient is increased, the response of a converter's
regulation circuit ultimately depends on its output capacitor decoupling network. This is an inherent limitation with
any DC/DC converter once the speed of the transient exceeds its bandwidth capability. If the target application
specifies a higher di/dt or lower voltage deviation, the requirement can only be met with additional output
capacitor decoupling. In these cases special attention must be paid to the type, value and ESR of the capacitors
selected.
If the transient performance requirements exceed that specified in the data sheet, or the total amount of load
capacitance is above 5500 µF, the selection of output capacitors becomes more important.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com