Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1985 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1985
Description  Adafruit Pi Box Plus ‐ Enclosure for RasPi Model B/Pi 2/ Pi 3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1985 Datasheet(HTML) 2 Page - Adafruit Industries

  1985 Datasheet HTML 1Page - Adafruit Industries 1985 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The case comes as 6 pieces that slide together and secure with four screws. Made of crystal‐clear 
acrylic, this case keeps the Pi secure, has a hinged top for connector access, and even has little 
feet cut into the sides so that it stands up above your desk. You can use all of the connectors on 
the edges of the Pi: HDMI, Audio/Video, microSD slot, micro USB power, Ethernet and the 4 USB 
ports. There's also a cut out to allow a 40‐pin IDC cable to the GPIO breakout pins on the Pi and 
pass it though the case. For more advanced hacking, the enclosure is designed so that you can lift 
or remove the top piece and plug any sort of cables you wish into the breakouts in the middle. 
The case is airy enough that no additional vents or cooling is required ‐ we tested the enclosed Pi 
over a 24 hour period at full load with no significant increase in temperature. 
 
Be sure to check out more of our awesome Raspberry Pi accessories including: 
o
Bare 4 GB SD card
 ‐ you'll need this to load the Debian image and is not included in a Pi 
computer purchase. Tested and works perfectly! We also have a wide range of pre-
burned SD cards
 
o
5V @ 2 Amp USB power supply
 ‐ you'll need this to power the Pi using a Micro USB 
cable. Tested and works perfectly! 
o
HDMI cable
 ‐ required to connect a Pi to a monitor and is not included in a Pi computer 
purchase 
o
Ethernet cable
 ‐ required if you want to connect your Pi to the Internet via a router 
o
Keyboards and Mice
 ‐ We have a range of wired and wireless options 
o
A wide range of accessories
 and essentials 
o
Various small displays
 as well as nice Pi-compatible HDMI monitors in a range of sizes, 
from 2.5" to 10" 
This product comes with the 6 acrylic pieces and assembly hardware. Raspberry Pi computer is 
not included. No other cables or connectors or accessories are included 
Technical Details 
 
 
 
 
 
 
 
                                                https://www.adafruit.com/product/1985 7‐25‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com