Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

783 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 783
Description  2 x 2032 Coin Cell Battery Holder - 6V output with On/Off switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

783 Datasheet(HTML) 2 Page - Adafruit Industries

  783 Datasheet HTML 1Page - Adafruit Industries 783 Datasheet HTML 2Page - Adafruit Industries 783 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
This tiny coin cell battery holder is ideal for small portable or wearable projects. It
holds two 20mm coin cells (2032 are the most popular size) in series to generate
6V nominal. (If you want only 3V, we suggest sticking a crumpled piece of tin foil in
one of the slots.) 20mm coin cells are popular as they are used in keychain lights,
so they are easy to get, and fairly low cost. They tend to have about 220mAh
capacity so this holder would give you 6V @ 220mAh with two cells.
The holder is made of plastic and snaps open and closed. You can tape it closed if
you need more security than just the plastic snap. A nice extra is the on/off switch
up top. We had the factory place a 2mm JST PH connector on the end but you can
cut it off if you want to solder on a different connector.
This item does not include any 2032 coin cells. We do stock those separately, so if
you want batteries to go with this, please pick up two of them!
11/12/2015
http://www.adafruit.com/product/783



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com