Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

997 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 997
Description  Plastic Water Solenoid Valve - 12V - 1/2" Nominal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

997 Datasheet(HTML) 2 Page - Adafruit Industries

  997 Datasheet HTML 1Page - Adafruit Industries 997 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage
Current
6V
160 mA
7V
190 mA
8V
220 mA
9V
240 mA
10V
270 mA
11V
300 mA
12V
320 mA
These solenoids are not rated for food safety or use with anything but water.
Technical Details
o
1/2" Nominal NPS
o
Working Pressure: 0.02 Mpa - 0.8 Mpa
o
Working Temperature: 1
- 75
o
Response time (open): ≤ 0.15 sec
o
Response time (close): ≤ 0.3 sec
o
Actuating voltage: 12VDC (but we found it would work down to 6V)
o
Actuating life: ≥ 50 million cycles
o
Weight: 4.3 oz
o
Dimensions: 3.3" x 1.69" x 2.24"
                                                                      Engineered in NYC Adafruit ® 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com