Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2035H-600T-RT Datasheet(PDF) 9 Page - STMicroelectronics

Part # T2035H-600T-RT
Description  Snubberless??high temperature 20 A Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T2035H-600T-RT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button T2035H-600T-RT Datasheet HTML 2Page - STMicroelectronics T2035H-600T-RT Datasheet HTML 3Page - STMicroelectronics T2035H-600T-RT Datasheet HTML 4Page - STMicroelectronics T2035H-600T-RT Datasheet HTML 5Page - STMicroelectronics T2035H-600T-RT Datasheet HTML 6Page - STMicroelectronics T2035H-600T-RT Datasheet HTML 7Page - STMicroelectronics T2035H-600T-RT Datasheet HTML 8Page - STMicroelectronics T2035H-600T-RT Datasheet HTML 9Page - STMicroelectronics T2035H-600T-RT Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
T2035H Series
Ordering information
9/10
4
Ordering information
5
Revision history
Part number
Marking
Package
Weight
Base Qty
Packing mode
T2035H-600G
T2035H-600G
D2PAK
1.5 g
50
Tube
T2035H-600G-TR
T2035H-600G
D2PAK
1.5 g
1000
Tape and Reel
T2035H-600TRG
T2035H-600T
TO-220AB
2.3 g
50
Tube
Date
Revision
Changes
13-Jul-2006
1
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com