Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21-10160 Datasheet(PDF) 1 Page - Tenma

Part # 21-10160
Description  Nozzle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENMA [Tenma]
Direct Link  
Logo TENMA - Tenma

21-10160 Datasheet(HTML) 1 Page - Tenma

  21-10160 Datasheet HTML 1Page - Tenma  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
www.mcmelectronics.com
TM
TM
Page <1>
V1.1
26/05/15
Nozzle
Specifications:
Material
: Stainless Steel, Coated with Nickel
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Tenma is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Nozzle, Single, 2.5mm
21-10160


Similar Part No. - 21-10160

ManufacturerPart #DatasheetDescription
logo
Tenma
21-10160 TENMA-21-10160 Datasheet
938Kb / 2P
Nozzles
05/02/13 V1.3
21-10160 TENMA-21-10160_V01 Datasheet
938Kb / 2P
Nozzles
05/02/13 V1.3
More results

Similar Description - 21-10160

ManufacturerPart #DatasheetDescription
logo
ebm-papst
W4S250-CI02-01 EBMPAPST-W4S250-CI02-01 Datasheet
172Kb / 6P
AC axial fan with full round nozzle sickled blades (S series)
logo
Festo Corporation.
7442 FESTO-7442 Datasheet
77Kb / 1P
Sender nozzle
100430 FESTO-100430 Datasheet
78Kb / 1P
Sender nozzle
100431 FESTO-100431 Datasheet
79Kb / 1P
Receiver nozzle
184321 FESTO-184321 Datasheet
63Kb / 1P
Air gun nozzle
184322 FESTO-184322 Datasheet
92Kb / 1P
Air gun nozzle
565316 FESTO-565316 Datasheet
60Kb / 1P
Air gun nozzle
565317 FESTO-565317 Datasheet
59Kb / 1P
Air gun nozzle
logo
ebm-papst
S4E450-AU03-02 EBMPAPST-S4E450-AU03-02 Datasheet
768Kb / 5P
AC axial fan sickled blades (S series) with guard grille for short nozzle
Revision 77504
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com