Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

340LP5E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 340LP5E
Description  GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

340LP5E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  340LP5E Datasheet HTML 1Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 6Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 7Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
12
12 - 208
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC340LP5 / 340LP5E
GaAs MMIC SMT DOUBLE-BALANCED
DUAL MIXER, 1.7 - 4.5 GHz
v01.0705
General Description
Features
Functional Diagram
Conversion Loss: 8.0 dB
LO/RF Isolation: 45 dB
LO/IF Isolation: 33 dB
Input IP3: +20 dBm
Conversion Gain Balance: 0.1 dB
5x5 mm QFN SMT Package
Electrical Specifications, T
A = +25° C, As a Function of LO Drive
Typical Applications
The HMC340LP5 / HMC340LP5E Dual Mixer is ideal
for:
• Wireless Infrastructure
• Wireless Local Loop
• Image Reject Mixer
• I/Q Modulator
• SSB Modulator
The
HMC340LP5
&
HMC340LP5E
are
double-
balanced dual mixers covering 1.7 - 4.5 GHz RF/LO
range. This passive MMIC mixer is constructed of GaAs
Schottky diodes and on-chip baluns. The device can
be used as an upconverter, downconverter, biphase
(de)modulator, or phase comparator. The mixer sym-
metry of the HMC340LP5 & HMC340LP5E make it an
ideal candidate for single sideband or image rejection
applications. The consistent MMIC performance will
improve system operation and assure regulatory
compliance. A low cost, leadless 5x5 mm QFN surface
mount package (LP5) houses the dual MMIC mixer IC.
Parameter
LO = +13 dBm
IF = 100 MHz
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
1.7 - 4.5
3.4 - 3.8
GHz
Frequency Range, IF
DC - 1.5
DC - 1.5
GHz
Conversion Loss
8
10
8
10
dB
Conversion Gain Amplitude Balance
0.10
0.25
0.10
0.25
dB
Noise Figure (SSB)
8
10
8
10
dB
LO to RF Isolation
30
45
40
47
dB
LO to IF Isolation
25
33
33
38
dB
IP3 (Input)
20
23
dBm
1 dB Gain Compression (Input)
12
13
dBm
* Unless otherwise noted, all measurements performed as single channel downconverter.


Similar Part No. - 340LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
340LP5E HITTITE-340LP5E Datasheet
258Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
More results

Similar Description - 340LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC175MS8 HITTITE-HMC175MS8 Datasheet
196Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5 Datasheet
274Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC13MS8 HITTITE-HMC13MS8 Datasheet
192Kb / 6P
GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
HMC213MS8 HITTITE-HMC213MS8 Datasheet
246Kb / 6P
GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
HMC168C8 HITTITE-HMC168C8_08 Datasheet
221Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 8 GHz
HMC175MS8 HITTITE-HMC175MS8_08 Datasheet
172Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC218AMS8E HITTITE-HMC218AMS8E Datasheet
657Kb / 6P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 6 GHz
HMC219AMS8 HITTITE-HMC219AMS8 Datasheet
565Kb / 6P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 9 GHz
HMC340ALP5 HITTITE-HMC340ALP5 Datasheet
727Kb / 8P
GaAs MMIC SMT Double-Ba lanced DUAL Mixer, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5_10 Datasheet
258Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com