Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC2690 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC2690
Description  Bluetooth V2.1 and FM RDS transceiver system-on-chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2690 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC2690 Datasheet HTML 1Page - STMicroelectronics STLC2690 Datasheet HTML 2Page - STMicroelectronics STLC2690 Datasheet HTML 3Page - STMicroelectronics STLC2690 Datasheet HTML 4Page - STMicroelectronics STLC2690 Datasheet HTML 5Page - STMicroelectronics STLC2690 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STLC2690
Overview
3/6
●
Communication interfaces
–
UART up to 4 MHz
–
SPI interface
–
SDIO interface up to 25 MHz
–
PCM interface/I2S interface
–
I2C interface
–
Up to 16 additional flexibly programmable GPIOs
–
External interrupts possible through the GPIOs
●
On-chip memory organization
–
On chip RAM, including provision for patches
–
On chip ROM, preloaded with SW up to HCI
●
Ciphering support up to 128 bits key
1.2
FM transceiver features
●
Worldwide FM band (65 - 108 MHz) including Russian band
●
RDS/RBDS processor
●
On-chip demodulator, modulator and packet decoding and encoding
●
World best, State of the art receiver sensitivity of - 2.5 dBµV
●
Excellent receiver selectivity for audio and RDS
●
Adaptive signal processing, to provide best audio quality versus received signal quality
or in-band blockers.
●
Autonomous ultra fast checking for alternate frequencies
●
Fast search tuning
●
Digital volume control and equalizer
●
High output power linear transmitter
●
Programmable transmit output level to comply with FCC and ETSI requirements
●
Embedded filtering for coexistence in mobile handset
●
Programmable AGC for optimized frequency deviation
●
SureTuneTM technology to automatically select the optimal transmit frequency
●
On-chip controller with ROM/RAM
●
Analog and digital audio output and input
●
Typical current consumption FM rx: 15 mA (1.8 V supply)
●
Control interface: I2C or HCI
●
High level API: easy software integration



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com