Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC2690WTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLC2690WTR
Description  Bluetooth V2.1 and FM RDS transceiver system-on-chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2690WTR Datasheet(HTML) 2 Page - STMicroelectronics

  STLC2690WTR Datasheet HTML 1Page - STMicroelectronics STLC2690WTR Datasheet HTML 2Page - STMicroelectronics STLC2690WTR Datasheet HTML 3Page - STMicroelectronics STLC2690WTR Datasheet HTML 4Page - STMicroelectronics STLC2690WTR Datasheet HTML 5Page - STMicroelectronics STLC2690WTR Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Overview
STLC2690
2/6
1
Overview
1.1
BluetoothTM features
Bluetooth™ V2.1+EDR compliant
Point-to-point, point-to-multi-point (up to 7 slaves) and scatternet capability
ACL and SCO links
Extended SCO (eSCO) links
Faster connection
HW support for packet types
–ACL:
DM1, DM3, DM5, DH1, DH3, DH5, 2-DH1, 2-DH3, 2-DH5, 3-DH1, 3-DH3, 3-DH5
SCO: HV1, HV3 and DV
eSCO: EV3, EV4, EV5, 2-EV3, 2-EV5, 3-EV3, 3-EV5
Wide band speech support
Adaptive Frequency Hopping (AFH)
Channel Quality Driven Data Rate (CQDDR)
Transmit power
Power Class 2 and Power Class 1.5 with integrated PA
Class 1.5 typical output power above 10 dBm
Programmable output power
Power Class 1 compatible
Sensitivity down to -90 dBm
HCI
HCI H4 transport layer on UART and SPI
Bluetooth Type A transport layer on SDIO
HCI proprietary commands (for example peripherals control)
Single HCI command for patch/upgrade download
(e)SCO over HCI
Pitch-Period Error Concealment (PPEC) for improved voice quality
Efficient and flexible support for WLAN coexistence scenarios
Low power consumption
Ultra low power architecture with 3 different low-power levels
Deep sleep modes, including Host-power saving feature
Dual wake-up mechanism
Current consumption with 1.8 V supply:
Sniff mode (1.28 sec.): 75 µA
eSCO: 2-EV3: 5.1 mA
ACL: 3-DH5: 27 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com