Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5534AP Datasheet(PDF) 6 Page - Texas Instruments

Part # SA5534AP
Description  NE5534x, SA5534x Low-Noise Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SA5534AP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SA5534AP Datasheet HTML 2Page - Texas Instruments SA5534AP Datasheet HTML 3Page - Texas Instruments SA5534AP Datasheet HTML 4Page - Texas Instruments SA5534AP Datasheet HTML 5Page - Texas Instruments SA5534AP Datasheet HTML 6Page - Texas Instruments SA5534AP Datasheet HTML 7Page - Texas Instruments SA5534AP Datasheet HTML 8Page - Texas Instruments SA5534AP Datasheet HTML 9Page - Texas Instruments SA5534AP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
NE5534, NE5534A, SA5534, SA5534A
SLOS070D – JULY 1979 – REVISED NOVEMBER 2014
www.ti.com
7.6 Operating Characteristics
VCC± = ±15 V, TA = 25°C (unless otherwise noted)
NE5534,
NE5534A, SA5534A
SA5534
PARAMETER
TEST CONDITIONS
UNIT
TYP
MIN
TYP
MAX
CC = 0
13
13
SR
Slew rate
V/
μs
CC = 22 pF
6
6
Rise time
VI = 50 mV,
20
20
ns
AVD = 1,
RL = 600 Ω,
CC = 22 pF
Overshoot factor
20
20
%
CL = 100 pF
tr
Rise time
VI = 50 mV,
50
50
ns
AVD = 1,
RL = 600 Ω,
CC = 47 pF
Overshoot factor
35%
35%
—
CL = 500 pF
f = 30 Hz
7
5.5
7
Vn
Equivalent input noise voltage
nV/
√Hz
f = 1 kHz
4
3.5
4.5
f = 30 Hz
2.5
1.5
In
Equivalent input noise current
pA/
√Hz
f = 1 kHz
0.6
0.4
F
Average noise figure
RS = 5 kΩ
f = 10Hz to 20 kHz
0.9
dB
6
Submit Documentation Feedback
Copyright © 1979–2014, Texas Instruments Incorporated
Product Folder Links: NE5534 NE5534A SA5534 SA5534A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com