Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AC74DBR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74AC74DBR
Description  SNx4AC74 Dual Positive-Edge-Triggered D-Type Flip-Flops with Clear and Preset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AC74DBR Datasheet(HTML) 2 Page - Texas Instruments

  SN74AC74DBR Datasheet HTML 1Page - Texas Instruments SN74AC74DBR Datasheet HTML 2Page - Texas Instruments SN74AC74DBR Datasheet HTML 3Page - Texas Instruments SN74AC74DBR Datasheet HTML 4Page - Texas Instruments SN74AC74DBR Datasheet HTML 5Page - Texas Instruments SN74AC74DBR Datasheet HTML 6Page - Texas Instruments SN74AC74DBR Datasheet HTML 7Page - Texas Instruments SN74AC74DBR Datasheet HTML 8Page - Texas Instruments SN74AC74DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 Recommended Operating Conditions.........................4
5.3 Thermal Information....................................................5
5.4 Electrical Characteristics.............................................5
5.5 Timing Requirements, VCC = 3.3 V ± 0.3 V.................5
5.6 Timing Requirements, VCC = 5 V ± 0.5 V....................6
5.7 Switching Characteristics, VCC = 3.3 V ± 0.3 V...........6
5.8 Switching Characteristics, VCC = 5 V ± 0.5 V..............6
5.9 Operating Characteristics........................................... 6
6 Parameter Measurement Information............................ 7
7 Detailed Description........................................................8
7.1 Overview..................................................................... 8
7.2 Functional Block Diagram........................................... 8
7.3 Feature Description.....................................................9
7.4 Device Functional Modes..........................................10
8 Application and Implementation.................................. 11
8.1 Application Information..............................................11
8.2 Typical Application.................................................... 11
8.3 Power Supply Recommendations.............................15
8.4 Layout....................................................................... 15
9 Device and Documentation Support............................17
9.1 Documentation Support............................................ 17
9.2 Receiving Notification of Documentation Updates....17
9.3 Support Resources................................................... 17
9.4 Trademarks...............................................................17
9.5 Electrostatic Discharge Caution................................17
9.6 Glossary....................................................................17
10 Revision History.......................................................... 17
11 Mechanical, Packaging, and Orderable
Information.................................................................... 18
SN54AC74, SN74AC74
SCAS521H – AUGUST 1995 – REVISED JUNE 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN54AC74 SN74AC74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com