Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3910 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3910
Description  Peristaltic Liquid Pump with Silicone Tubing - 5V to 6V DC Power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3910 Datasheet(HTML) 2 Page - Adafruit Industries

  3910 Datasheet HTML 1Page - Adafruit Industries 3910 Datasheet HTML 2Page - Adafruit Industries 3910 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The pump is basically a geared down DC motor, so it has a lot of torque. Inside
the pump is a 'clover' pattern of rollers. As the motor turns, the clover presses
on the tube to press the fluid though. The pump does not need to be primed
and in fact can self-prime itself with water a half meter with ease. You can PWM
the motor to speed up or slow down the flow rate and if you connect the motor
the other way it will move fluid the other direction. Works great with either a
power transistor (basic on/off) or a motor driver chip such as the L293D.
Also works with our Crickit for Circuit Playground Express! Use the crickit run
motor blocks on Microsoft MakeCode, and you're off to a great start!
We've also got a version that works well with 12V DC power.
Please note: The pump comes with a bit of silicone tubing already installed with
two half-meter tubes attached on with barbed connectors. However, the silicone
tubing is not sterile and might be dirty on its way to you. Before using, the
tubing must be sterilized! The included tubing is also not rated FDA or USDA
compliant and is only meant for basic testing of the pump. If you need to
purchase FDA/USDA compliant tubing for use with your food-hacking project,
check out McMaster-Carr. They have many types of silicone tubing available by
the foot! We also have a meter of silicone tubing you can pick up right now!
Wikipedia has a great article on peristaltic pumps. Please check it out for more
details on how these devices work!
TECHNICAL DETAILS
Working Temperature: 0℃ - 40℃
Motor voltage: 5 to 6 VDC
Motor current: 500mA
Flow rate: up to 100 mL/min
Weight: 104 grams
Dimensions: 27.8mm diameter motor, 66.8mm total length
Mounting holes: 3.7mm diameter, 50mm center-to-center distance
Tube length: approx 530mm / 20.8"
Tube diameters: inner diameter 3.5mm, outer diameter 5mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com