| Electronic Components Datasheet Search |
|
EGC2016AFM Datasheet(PDF) 2 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
EGC2016AFM Datasheet(HTML) 2 Page - Eaton All Rights Reserved. |
|
2 / 63 page ![]() V9-T1-2 Volume 9—OEM—Original Equipment Manufacturer CA08100011E—February 2014 www.eaton.com 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1.1 Circuit Protection Circuit Breakers Product Overview Circuit Breaker Selection Guide For our complete product offering, see Volume 4—Circuit Protection, CA08100005E. Description Series G Molded Case Circuit Breaker Universal Molded Case Circuit Breakers QUICKLAG® Type QC Miniature Circuit Breakers Page V9-T1-5 Page V9-T1-13 Page V9-T1-19 General Applications Line protection—molded case switch, motor circuit protection (combination tested with Eaton starters and contactors) thermal-magnetic and electronic trip units. Line protection—feeder and branch thermal- magnetic trip unit. Used to provide branch circuit protection in cable-in/out panel or DIN rail mount applications. Technical Data Maximum current rating 2500A 600A 100A Maximum voltage—AC 690 Vac 480 Vac 240 Vac Maximum voltage—DC 250 Vdc 250 Vdc 80 Vdc Poles 1, 2, 3, 4 1, 2, 3 QC = 1, 2, 3, 4 QCD = 1, 2, 3 QCR/QCF = 1, 2, 3 Max. interrupting capacities See individual catalogs for limitations and back-up protection requirements. Three-pole at 240V E = 200 kA J = 200 kA L = 200 kA Three-pole at 480V E = 100 kA J = 200 kA L = 200 kA Three-pole at 240V G = 25 kA (480/277) F = 25 kA J = 35 kA K = 35 kA L = 35 kA Three-pole at 480V GI = 14 kA (480/277) GD = 22 kA F = 14 kA J = 20 kA K = 20 kA L = 20 kA 65 kA at 240 Vac 5 kA at 80 Vdc Approvals UL® 489 IEC 60947-2 CE CSA® KEMA-KEUR CCC UL 489CE IEC 60947-2 CE CSA UL 489 CSA 22.2 Environmental Data Humidity Non-condensing 100% relative humidity Non-condensing 100% relative humidity — Shock ——— Vibration — — — Operating temperature –20° to 70°C (–4° to 158°F) derating applies –20° to 70°C (–4° to 158°F) derating applies 40°C (104°F) Dielectric strength Below 250A 6 kV Above 250A 8 kV Below 250A 6 kV Above 250A 8 kV 1960 Vac (acc. to UL 489) Insulation resistance 750 Vac 750 Vac — Endurance/life 250A: EG, JG = 8,000 operations 630A: LG = 6,000 operations 250A: Gi = 10,000 operations Fi = 8,000 operations 400A: Ji, Ki, Li = 6,000 operations >10,000 operations Approximate weight E Three-pole—2.88 lbs (1.04 kg) J Three-pole—5.06 lbs (2.30 kg) L Three-pole—12.36 lbs (5.61 kg) G Three-pole—2.10 lbs (0.95 kg) F Three-pole—4.5 lbs (2.0 kg) J Three-pole—12.50 lbs (5.7 kg) K Three-pole—11.50 lbs (5.2 kg) QC Single-pole—0.36 lbs (162.8 g) Two-pole—0.61 lbs (274.9 g) Three-pole—1.14 lbs (518.3 g) QCD Single-pole—0.43 lbs (195.3 g) Two-pole—0.89 lbs (401.9 g) Three-pole—1.34 lbs (605.6 g) QCR Single-pole—0.22 lbs (97.9 g) Two-pole—0.48 lbs (215.8 g) Three-pole—0.70 lbs (315.6 g) QCF Single-pole—0.24 lbs (109.9 g) Two-pole—0.50 lbs (225.2 g) Three-pole—0.74 lbs (335.1 g) Mounting configuration Backpan, plug-in adapter, DIN rail (E) Backpan, DIN rail (G) Panel mount, front mount, 35 mm DIN rail mountable |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |