Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL2575 Datasheet(PDF) 20 Page - Texas Instruments

Part # TL2575
Description  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2575 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TL2575_08 Datasheet HTML 16Page - Texas Instruments TL2575_08 Datasheet HTML 17Page - Texas Instruments TL2575_08 Datasheet HTML 18Page - Texas Instruments TL2575_08 Datasheet HTML 19Page - Texas Instruments TL2575_08 Datasheet HTML 20Page - Texas Instruments TL2575_08 Datasheet HTML 21Page - Texas Instruments TL2575_08 Datasheet HTML 22Page - Texas Instruments TL2575_08 Datasheet HTML 23Page - Texas Instruments TL2575_08 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
www.ti.com
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638B – MAY 2006 – REVISED JANUARY 2007
Table 1. Diode Selection Guide
SCHOTTKY
FAST RECOVERY
VR
1A
3A
1A
3A
1N5817
1N5820
20 V
MBR120P
MBR320
SR102
SR302
1N5818
1N5821
MBR130P
MBR330
30 V
11DQ03
31DQ03
SR103
SR303
The following diodes
The following diodes
1N5819
IN5822
are all rated to 100 V:
are all rated to 100 V:
MBR140P
MBR340
11DF1
31DF1
40 V
11DQ04
31DQ04
MUR110
MURD310
SR104
SR304
HER102
HER302
MBR150
MBR350
50 V
11DQ05
31DQ05
SR105
SR305
MBR160
MBR360
60 V
11DQ06
31DQ06
SR106
SR306
Table 2. Inductor Selection by Manufacturer's Part Number
INDUCTOR VALUE
SCHOTT
RENCO
INDUCTOR CODE
PULSE ENGINEERING(2)
(
µH)
CORPORATION(1)
ELECTRONICS(3)
L100
100
67127000
PE-92108
RL2444
L150
150
67127010
PE-53113
RL1954
L220
220
67127020
PE-52626
RL1953
L330
330
67127030
PE-52627
RL1952
L470
470
67127040
PE-53114
RL1951
L680
680
67127050
PE-52629
RL1950
H150
150
67127060
PE-53115
RL2445
H220
220
67127070
PE-53116
RL2446
H330
330
67127080
PE-53117
RL2447
H470
470
67127090
PE-53118
RL1961
H680
680
67127100
PE-53119
RL1960
H1000
1000
67127110
PE-53120
RL1959
H1500
1500
67127120
PE-53121
RL1958
H2200
2200
67127130
PE-53122
RL2448
(1)
Schott Corporation, (612) 475-1173, 1000 Parkers Lake Rd., Wayzata, MN 55391
(2)
Pulse Engineering, (619) 674-8100, P.O. Box 12236, San Diego, CA 92112
(3)
Renco Electronics Inc., (516) 586-5566, 60 Jeffryn Blvd. East, Deer Park, NY 11729
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com