Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4352 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4352
Description  Adafruit 4x4 NeoTrellis Feather M4 Kit Pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4352 Datasheet(HTML) 2 Page - Adafruit Industries

  4352 Datasheet HTML 1Page - Adafruit Industries 4352 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This pack contains everything you need to get started. Includes:
1 x Adafruit NeoTrellis RGB Driver PCB for 4x4 Keypad
1 x Adafruit Feather M4 Express
1 x Adafruit 4x4 NeoTrellis Acrylic Enclosure and Hardware kit
1 x JST PH 4-Pin to Male Header Cable - I2C STEMMA Cable - 200mm
1 x Silicone Elastomer 4x4 Button Keypad
1 x Little Rubber Bumper Feet (4 bumpers total)
If you'd like to make the board portable, for untethered projects, you can pick
up the optional, not included:
1 x Lithium Ion Polymer Battery - 3.7v 500mAh
1 x Mini Panel Mount DPDT Toggle Switch
Some light soldering is required! You'll have to solder wires to the Feather.
TECHNICAL DETAILS
Fully assembled 4x4 Trellis dimensions: 86 x 86 x 31mm
 
  
 https://www.adafruit.com/product/4352/9‐10‐19 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com