Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4465 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4465
Description  Adafruit PyPortal Pynt - CircuitPython Powered Internet Display - 2.4" TFT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4465 Datasheet(HTML) 2 Page - Adafruit Industries

  4465 Datasheet HTML 1Page - Adafruit Industries 4465 Datasheet HTML 2Page - Adafruit Industries 4465 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Compared to the original PyPortal, the Pynt does not include a ADT7410
temperature sensor. Other than the ADT7410, the Pynt's display, processor,
STEMMA conectors and WiFi have the exact same wiring as the original 3.2"
PyPortal so all Arduino/CircuitPython code will run exactly the same - just
smaller!
The M4 and ESP32 are a great couple - and each bring their own strengths to
this board. The SAMD51 M4 has native USB so it can show up like a disk drive,
act as a MIDI or HID keyboard/mouse, and of course bootload and debug over a
serial port. It also has DACs, ADC, PWM, and tons of GPIO. Meanwhile, the ESP32
has secure WiFi capabilities, and plenty of Flash and RAM to buffer sockets. By
letting the ESP32 focus on the complex TLS/SSL computation and socket
buffering, it frees up the SAMD51 to act as the user interface. You get a great
programming experience thanks to the native USB with files available for drag-
n-drop, and you don't have to spend a ton of processor time and memory to do
SSL encryption/decryption and certificate management. It's the best of both
worlds!
Product Dimensions: 67.0mm x 43.0mm x 11.0mm / 2.6" x 1.7" x 0.4"
Product Weight: 31.4g / 1.1oz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com