Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

356LP3E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # 356LP3E
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

356LP3E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  356LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 356LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 356LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 356LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 356LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 356LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5
5 - 93
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Typical Supply Current vs. Vdd
Vdd (Vdc)
Idd (mA)
+4.5
103
+5.0
104
+5.5
105
Drain Bias Voltage (Vdd)
+8.0 Vdc
RF Input Power (RFin)(Vdd = +5.0 Vdc)
+15 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 14 mW/°C above 85 °C)
0.910 W
Thermal Resistance
(channel to ground paddle)
71.4 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Absolute Maximum Ratings
Outline Drawing
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
LAND PATTERN.
HMC356LP3 / 356LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 350 - 550 MHz
v02.0605
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC356LP3
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
356
XXXX
HMC356LP3E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
356
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com