Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36330 Datasheet(PDF) 1 Page - Wiha Tools

Part # 36330
Description  Screwdriver SoftFinish® electric slimFix
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36330 Datasheet(HTML) 1 Page - Wiha Tools

  36330 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
138
138
Which drives are used for each individual product? Page 304
Pozidriv
3241
Order-No.
35395
PZ1
80
191
30
10
35396
PZ2
100
218
36
10
DIN ISO 8764-PZ. Manufactured acc. to IEC 60900.
PlusMinus/Phillips
3271
Order-No.
35502
SL/PH1
80
191
30
10
35503
SL/PH2
100
218
36
10
Manufactured acc. to IEC 60900.
PlusMinus/Pozidriv
3281
Order-No.
36329
SL/PZ1
80
191
30
10
36330
SL/PZ2
100
218
36
10
Manufactured acc. to IEC 60900.
TORX® Tamper Resistant (with hole)
3251 TR
Order-No.
41141
T10H
100
204
23
10
41142
T15H
100
211
30
10
41143
T20H
100
211
30
10
41144
T25H
125
243
36
10
41145
T27H
125
243
36
10
41146
T30H
125
243
36
10
41147
T40H
150
268
36
10
Manufactured acc. to IEC 60900.
TORX®
3251
Order-No.
36536
T10
100
204
23
10
36537
T15
100
211
30
10
36538
T20
100
211
30
10
36539
T25
125
243
36
10
36540
T27
125
243
36
10
36541
T30
125
243
36
10
36542
T40
150
268
36
10
DIN ISO 8764-PH. Manufactured acc. to IEC 60900.
Square
3581
Order-No.
35504
#1
2,3
100
211
30
10
35505
#2
2,8
125
243
36
10
Manufactured acc. to IEC 60900.
Screwdriver SoftFinish® electric slimFix
Slotted
3201
Order-No.
35446
3,5
100
0,6
204
23
10
35390
4,0
100
0,8
211
30
10
35501
4,5
125
1,0
236
30
10
35391
5,5
125
1,0
243
36
10
35392
6,5
150
1,2
268
36
10
DIN ISO 2380. Manufactured acc. to IEC 60900.
Phillips
3211
Order-No.
35393
PH1
80
191
30
10
35394
PH2
100
218
36
10
DIN ISO 8764-PH. Manufactured acc. to IEC 60900.


Similar Part No. - 36330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
36330 ETC2-36330 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
Lumberg
363302 LUMBERG-363302 Datasheet
142Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
363302 LUMBERG-363302 Datasheet
562Kb / 4P
RAST 5 connectors, pitch 5.0 mm
363303 LUMBERG-363303 Datasheet
142Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
363303 LUMBERG-363303 Datasheet
562Kb / 4P
RAST 5 connectors, pitch 5.0 mm
More results

Similar Description - 36330

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1205040 PHOENIX-1205040 Datasheet
65Kb / 3P
Screwdriver - SZS 0,6X2,5
1205066 PHOENIX-1205066 Datasheet
65Kb / 3P
Screwdriver - SZS 1,0X4,0
1205082 PHOENIX-1205082 Datasheet
65Kb / 3P
Screwdriver - SZS 1,2X8,0
1205121 PHOENIX-1205121 Datasheet
80Kb / 4P
Screwdriver - SZG 0,6X3,5
1205134 PHOENIX-1205134 Datasheet
80Kb / 4P
Screwdriver - SZG 0,9X6,5
1205147 PHOENIX-1205147 Datasheet
60Kb / 3P
Screwdriver - SZK PH0
1207608 PHOENIX-1207608 Datasheet
50Kb / 2P
Screwdriver - ST-BW
logo
List of Unclassifed Man...
RY240 ETC1-RY240 Datasheet
1Mb / 4P
electric
logo
SparkFun Electronics
TOL-15548 SPARKFUN-TOL-15548 Datasheet
140Kb / 2P
Electric Hobby Screwdriver Set
9??4??9
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com