Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55100-0670. Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 55100-0670.
Description  I/O Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

55100-0670. Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  55100-0670. Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/28/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0551000670
Status:
Active
Description:
2.00mm Pitch Serial I/O Connector, Plug Kit, Wire-to-Wire, Solder Type, 6 Circuits
Documents:
3D Model
Product Specification PS-54280-005-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
55100
Application
Wire-to-Wire
Component Type
Plug
Product Name
N/A
Type
N/A
UPC
822348181865
Physical
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Black, Gray
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze, Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic, Polycarbonate
Net Weight
9741.381/mg
Orientation
Vertical
PCB Retention
N/A
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.00mm
Plating min - Mating
0.762µm
Plating min - Termination
2.032µm
Polarized to Mating Part
Yes
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
N/A
Wire Insulation Diameter
2.10mm max.
Wire Size AWG
16, 18, 20, 22, 24, 26, 28
Electrical
Current - Maximum per Contact
2.0A
Shielded
Yes
Voltage - Maximum
125V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-54280-005-001
Sales Drawing
SD-54280-011, SD-55100-004
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
55100 Series
Mates With
54280
This document was generated on 04/28/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 55100-0670.

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
55100-0670 MOLEX11-55100-0670 Datasheet
213Kb / 2P
2.0 I/O CONN, CROOSS-SECT. VIEW OF MATED CONNECTORS -LEAD FREE-
More results

Similar Description - 55100-0670.

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
3560-16SR HIROSE-3560-16SR Datasheet
272Kb / 6P
Long-Life I/O Connectors
DX30AJ-26P-CP3 HIROSE-DX30AJ-26P-CP3 Datasheet
1Mb / 9P
DX SERIES HIGH-DENSITY I/O CONNECTORS
NX-09T-KT9 HIROSE-NX-09T-KT9 Datasheet
409Kb / 10P
I/O Card Interface Connectors
3560-16SR HIROSE-3560-16SR_09 Datasheet
380Kb / 6P
Long-Life I/O Connectors
3560-24P-PG61 HIROSE-3560-24P-PG61 Datasheet
380Kb / 6P
Long-Life I/O Connectors
logo
Japan Aviation Electron...
FO-BHW JAE-FO-BHW Datasheet
339Kb / 23P
Outdoor Use Waterproof I/O Connectors
FO-BH-W JAE-FO-BH-W Datasheet
339Kb / 23P
Outdoor Use Waterproof I/O Connectors
logo
Hirose Electric
3500 HIROSE-3500 Datasheet
389Kb / 6P
Long-Life I/O Connectors
RP34 HIROSE-RP34 Datasheet
623Kb / 12P
Small I/O connectors for AC adapters
logo
Contec Co., Ltd
ATP-32F CONTEC-ATP-32F Datasheet
238Kb / 1P
BNC Connectors for Analog I/O Board
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com