Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF50 10R. Datasheet(PDF) 8 Page - Multicomp Pro

Part # MF50 10R.
Description  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF50 10R. Datasheet(HTML) 8 Page - Multicomp Pro

Back Button MF50 10R. Datasheet HTML 4Page - Multicomp Pro MF50 10R. Datasheet HTML 5Page - Multicomp Pro MF50 10R. Datasheet HTML 6Page - Multicomp Pro MF50 10R. Datasheet HTML 7Page - Multicomp Pro MF50 10R. Datasheet HTML 8Page - Multicomp Pro MF50 10R. Datasheet HTML 9Page - Multicomp Pro MF50 10R. Datasheet HTML 10Page - Multicomp Pro MF50 10R. Datasheet HTML 11Page - Multicomp Pro MF50 10R. Datasheet HTML 12Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Page <8>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Resistor, 82R5, 250mW 0.5% 50PPM MCMF0W4DF825JA50
Resistor, 866R, 250mW 0.5% 50PPM MCMF0W4DF8660A50
Resistor, 8K66, 250mW 0.5% 50PPM MCMF0W4DF8661A50
Resistor, 86K6, 250mW 0.5% 50PPM MCMF0W4DF8662A50
Resistor, 86R6, 250mW 0.5% 50PPM MCMF0W4DF866JA50
Resistor, 909R, 250mW 0.5% 50PPM MCMF0W4DF9090A50
Resistor, 9K09, 250mW 0.5% 50PPM MCMF0W4DF9091A50
Resistor, 90K9, 250mW 0.5% 50PPM MCMF0W4DF9092A50
Resistor, 90R9, 250mW 0.5% 50PPM MCMF0W4DF909JA50
Resistor, 953R, 250mW 0.5% 50PPM MCMF0W4DF9530A50
Resistor, 9K53, 250mW 0.5% 50PPM MCMF0W4DF9531A50
Resistor, 95K3, 250mW 0.5% 50PPM MCMF0W4DF9532A50
Resistor, 95R3, 250mW 0.5% 50PPM MCMF0W4DF953JA50
Resistor, 511R, 250mW 0.5% 50PPM MCMF0W4DFA511050
Resistor, 125mW, 1%, 100K
MF12 100K
Resistor, 125mW, 1%, 100K
MF12 100K.
Resistor, 125mW, 1%, 100R
MF12 100R
Resistor, 125mW, 1%, 10K
MF12 10K
Resistor, 125mW 1% 10R
MF12 10R
Resistor, 125mW 1% 110K
MF12 110K
Resistor, 125mW 1% 110R
MF12 110R
Resistor, 125mW 1% 11K
MF12 11K
Resistor, 125mW 1% 11K
MF12 11K.
Resistor, 125mW 1% 11R
MF12 11R
Resistor, 125mW 1% 120K
MF12 120K
Resistor, 125mW 1% 120R
MF12 120R
Resistor, 125mW 1% 12K
MF12 12K
Resistor, 125mW 1% 12R
MF12 12R
Resistor, 125mW 1% 130K
MF12 130K
Resistor, 125mW 1% 130R
MF12 130R
Resistor, 125mW 1% 130R
MF12 130R.
Resistor, 125mW 1% 13K
MF12 13K
Resistor, 125mW 1% 13K
MF12 13K.
Resistor, 125mW 1% 13R
MF12 13R
Resistor, 125mW 1% 150K
MF12 150K
Resistor, 125mW 1% 150R
MF12 150R
Resistor, 125mW 1% 150R
MF12 150R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com