Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RELIOR2 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # RELIOR2
Description  Solid-State, Compact Industrial Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

RELIOR2 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  RELIOR2 Datasheet HTML 1Page - Sealevel Systems, Inc. RELIOR2 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Intel dual-core i7, i3 or Atom processor
Up to 16GB RAM
Dual Gigabit Ethernet
4 x USB 2.0 ports with locking
SeaLATCH connectors
2 x RS-232 serial ports
1 x RS-485 serial port
DisplayPort video
HD audio
PCI Express half-size Mini Card expansion slot
18-36 VDC operation
Compatible with Windows or Linux
operating systems
Solid-state operation from 0°C – 50°C
Optional 802.11 a/g/n wireless interface
sealevel.com > Tel: 864.843.4343 > sales@sealevel.com
Features
>
>
>
>
>
>
>
>
>
>
>
>
>
Building on the advantages of COM Express
architecture, the R2 features up to 16GB of RAM
and choice of Intel dual-core i7, i3, or Atom
processor. The system operates from 18-36 VDC
and offers low power consumption while operating
fanless over a wide temperature range of 0 – 50°C.
Standard features include dual Gigabit Ethernet,
four SeaLATCH locking USB 2.0 ports, three serial
ports, DisplayPort video and HD audio interfaces.
The 802.11 a/g/n dual band wireless network
option enables convenient connectivity at data rates
up to 300 Mbps.
The R2 runs from ultra-reliable 2.5” SATA II solid-state disk (SSD) that can be preloaded with Microsoft
Windows or Linux operating systems. Included brackets allow convenient mounting to any flat surface
including tabletops, under counters and to walls. The system is perfect for harsh or commercial environments
including military, transportation, process control, and test and measurement applications.
The R2’s COM Express design allows easy technology migration as processor technology evolves. As a result,
OEMs can design with the R2 now while refreshing the performance over the life time of their product.
TheRelioR2solid-stateindustrialcomputerisdesignedforapplicationsrequiringpowerfulprocessing,
asmallfootprint,highreliability,andalongproductlife.
Relio R2
Solid-State,CompactIndustrialComputer
™


Similar Part No. - RELIOR2

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
RELIOR1 SEALEVEL-RELIOR1 Datasheet
233Kb / 2P
Relio R1 Industrial Computer - Compact, Rugged, and Configurable
RELIOR3 SEALEVEL-RELIOR3 Datasheet
350Kb / 2P
Relio R3 Configurable 3U Rackmount Industrial Computer
RELIOR4 SEALEVEL-RELIOR4 Datasheet
605Kb / 2P
Relio R4 Configurable 1U Rackmount Industrial Computer
RELIOR9 SEALEVEL-RELIOR9 Datasheet
717Kb / 2P
Relio R9™ RISC Embedded Computing
More results

Similar Description - RELIOR2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3TC OMRON-G3TC Datasheet
1Mb / 14P
Solid State Relays for Industrial I/O
G3TC-IDC5DC-AC24 OMRON-G3TC-IDC5DC-AC24 Datasheet
1Mb / 12P
Solid State Relays for Industrial I/O
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-301C AVAGO-ASSR-301C Datasheet
110Kb / 7P
Compact Solid-State Bi-directional Signal Switch
ASSR-1218 AVAGO-ASSR-1218 Datasheet
356Kb / 12P
Compact Solid-State Bi-directional Signal Switch
ASSR-322R AVAGO-ASSR-322R Datasheet
124Kb / 12P
Compact Solid-State Bi-directional Signal Switch
ASSR-1510 AVAGO-ASSR-1510 Datasheet
197Kb / 15P
Compact Solid-State Bi-directional Signal Switch
logo
Picker Components
PCS52 PICKER-PCS52 Datasheet
1Mb / 3P
DC OutPut Compact Solid State Relay
PCS53 PICKER-PCS53 Datasheet
1Mb / 3P
DC Input Compact Solid State Relay
logo
Teledyne Technologies I...
STH TELEDYNE-STH Datasheet
444Kb / 4P
High Industrial Performance (HIPak) Solid-State Relays
logo
List of Unclassifed Man...
1071 ETC2-1071 Datasheet
79Kb / 1P
INDUSTRIAL SOLID STATE TIMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com