Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08BS0BK3AS3K Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # 08BS0BK3AS3K
Description  Ball End Hex Key Sets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

08BS0BK3AS3K Datasheet(HTML) 1 Page - Premier Farnell Limited.

  08BS0BK3AS3K Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Order Code
Ball Hex
312-7140
Long Ball Hex
312-7102
Ball End Hex Key Sets
222943/,401766
Ì Quality sets of Ball End Hex keys manu-
factured from hardened chrome vanadi-
um steel
Ì 8 piece sets supplied in a unique multi-
handle case
Ì Contents: 2, 2.5, 3, 4, 5, 6, 8 and 10mm


Similar Part No. - 08BS0BK3AS3K

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
08BSOHK3AS3K DURATOOL-08BSOHK3AS3K Datasheet
25Kb / 1P
Hex Key Sets
More results

Similar Description - 08BS0BK3AS3K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RHK VISHAY-RHK Datasheet
81Kb / 2P
Voltage Multiplier Sets
23-May-05
logo
Connor-Winfield Corpora...
STC4130 CONNOR-WINFIELD-STC4130 Datasheet
416Kb / 44P
Synchronous Clock for SETS
logo
Amphenol Corporation
AT04-08PA-EC01 AMPHENOL-AT04-08PA-EC01 Datasheet
633Kb / 1P
Recpt, 8 Way, Key A, End Cap
AT04-12PA-EC01 AMPHENOL-AT04-12PA-EC01 Datasheet
596Kb / 1P
Recpt, 12 Way, Enhanced A Key and END CAP
logo
List of Unclassifed Man...
105-605 ETC2-105-605 Datasheet
41Kb / 1P
Imperial/Metric Hexagon Key Sets
022533 ETC2-022533 Datasheet
6Mb / 1P
950 SPKL/7B SM Magnet Hex Key Set, metric, Blacklaser
D00601 ETC1-D00601 Datasheet
30Kb / 1P
Folding Ball End Hex Key Set
36941 ETC2-36941 Datasheet
269Kb / 1P
Metric Ball End Hex Keys Chrome Finish
36962 ETC2-36962 Datasheet
350Kb / 1P
Metric Ball End Hex Keys Black Finish
logo
Molex Electronics Ltd.
734154550 MOLEX-734154550 Datasheet
56Kb / 1P
PRECISION HEX CRIMP TOOL W/INTERCHIN DIE SETS
2004/10/06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com