Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0899008 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0899008
Description  E S6 A 300X200X80 - Empty enclosure
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0899008 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0899008 Datasheet HTML 1Page - PHOENIX CONTACT 0899008 Datasheet HTML 2Page - PHOENIX CONTACT 0899008 Datasheet HTML 3Page - PHOENIX CONTACT 0899008 Datasheet HTML 4Page - PHOENIX CONTACT 0899008 Datasheet HTML 5Page - PHOENIX CONTACT 0899008 Datasheet HTML 6Page - PHOENIX CONTACT 0899008 Datasheet HTML 7Page - PHOENIX CONTACT 0899008 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Product properties
Product type
Terminal box
Mounting panel
Fixing angle with mounting screws
M12 grounding bolts, affixed externally
Scope of supply
Installation notes
Insulation characteristics
Protection class
I
Electrical properties
10 W (T6 up to 40 °C)
6.2 W (T6 up to 55 °C)
3.7 W (T6 up to 65 °C)
13.8 W (T5 up to 40 °C)
10 W (T5 up to 55 °C)
7.5 W (T5 up to 65 °C)
16.3 W (T4 up to 40 °C)
7.8 W (T4 up to 55 °C)
Maximum power dissipation
10 W (T4 up to 65 °C)
Dimensions
Dimensional drawing
Width
300 mm
Height
200 mm
Depth
80 mm
Clearance width, maximum DIN rail length
244 mm
Max. material thickness
1.5 mm
Material specifications
Color
silver-colored
Material
Stainless steel, 316L/1.4404
Seal material
Silicon
Surface characteristics
brushed
Note
240 grain
E S6 A 300X200X80 - Empty enclosure
0899008
https://www.phoenixcontact.com/us/products/0899008
Aug 25, 2025, 4:47AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com