Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0899010 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0899010
Description  E S6 A 150X150X100 - Empty enclosure
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0899010 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0899010 Datasheet HTML 1Page - PHOENIX CONTACT 0899010 Datasheet HTML 2Page - PHOENIX CONTACT 0899010 Datasheet HTML 3Page - PHOENIX CONTACT 0899010 Datasheet HTML 4Page - PHOENIX CONTACT 0899010 Datasheet HTML 5Page - PHOENIX CONTACT 0899010 Datasheet HTML 6Page - PHOENIX CONTACT 0899010 Datasheet HTML 7Page - PHOENIX CONTACT 0899010 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Empty enclosure, material: Stainless steel, 316L/1.4404, surface resistance: brushed, silver-
colored, 150 mm x 150 mm x 100 mm, type of locking: Screw-on cover, scope of supply - ATD:
Mounting panel, Fixing angle with mounting screws, M12 grounding bolts, affixed externally,
Installation notes, Mounting panel
Your advantages
Innovative product range of high-quality stainless steel housings as the basis for individual terminal boxes
•
Reduced assembly and approval effort thanks to ready-equipped terminal boxes
•
Flange plates possible on four sides of the housing, including seal protection
•
Housing adjustments using threads, bore holes, and rectangular cutouts with consideration given to normative specifications
•
Commercial data
Item number
0899010
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BH91
Product key
BH9112
GTIN
4046356927680
Weight per piece (including packing)
1.676 g
Weight per piece (excluding packing)
3,111 g
Customs tariff number
94032080
Country of origin
DE
E S6 A 150X150X100 - Empty enclosure
0899010
https://www.phoenixcontact.com/us/products/0899010
Aug 25, 2025, 4:46AM
Page 1 (8)


Similar Part No. - 0899010

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0899011 PHOENIX-0899011 Datasheet
353Kb / 8P
E S6 A 200X200X120 - Empty enclosure
0899012 PHOENIX-0899012 Datasheet
354Kb / 8P
E S6 A 300X200X120 - Empty enclosure
0899013 PHOENIX-0899013 Datasheet
353Kb / 8P
E S6 A 400X200X120 - Empty enclosure
0899014 PHOENIX-0899014 Datasheet
354Kb / 8P
E S6 A 600X200X120 - Empty enclosure
0899016 PHOENIX-0899016 Datasheet
354Kb / 8P
E S6 A 300X300X120 - Empty enclosure
More results

Similar Description - 0899010

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ERJ-S6 PANASONICBATTERY-ERJ-S6 Datasheet
542Kb / 1P
ERJ-S6 Series Line Extension
logo
Assmann Electronics Inc...
AB939-R ASSMANN-AB939-R Datasheet
61Kb / 1P
RS232 Empty Housing
logo
PHOENIX CONTACT
2702228 PHOENIX-2702228 Datasheet
116Kb / 6P
LED enclosure light - PLD E 608 W 315/E
logo
Weidmuller
0573300000 WEIDMULLER-0573300000 Datasheet
430Kb / 8P
Klippon K (aluminium empty enclosure) Empty enclosure Aluminium enclosure
September 13, 2021
logo
Schneider Electric
XAPE901 SCHNEIDER-XAPE901 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 10, 2022
XAPE905 SCHNEIDER-XAPE905 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 10, 2022
XAPE902 SCHNEIDER-XAPE902 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 25, 2022
XAPE903 SCHNEIDER-XAPE903 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 25, 2022
XAPE904 SCHNEIDER-XAPE904 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 25, 2022
logo
PHOENIX CONTACT
1319565 PHOENIX-1319565 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 E
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com