Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC38HC44 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC38HC44
Description  BiCMOS 1A Current-Mode PWM Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC38HC44 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC38HC44 Datasheet HTML 1Page - Micrel Semiconductor MIC38HC44 Datasheet HTML 2Page - Micrel Semiconductor MIC38HC44 Datasheet HTML 3Page - Micrel Semiconductor MIC38HC44 Datasheet HTML 4Page - Micrel Semiconductor MIC38HC44 Datasheet HTML 5Page - Micrel Semiconductor MIC38HC44 Datasheet HTML 6Page - Micrel Semiconductor MIC38HC44 Datasheet HTML 7Page - Micrel Semiconductor MIC38HC44 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MIC38HC42/3/4/5
Micrel, Inc.
April 2005
1
M9999-042205
MIC38HC42/3/4/5
BiCMOS 1A Current-Mode PWM Controllers
General Description
The MIC38HC4x family are fixed frequency current-mode
PWM controllers with 1A drive current capability. Micrel’s
BiCMOS devices are pin-compatible with 384x bipolar de-
vices. Their high output drive, with fast rise and fall times,
combined with low startup current make it an ideal PWM
controller where high efficiency is required.
Undervoltage lockout circuitry allows the ’42 and ’44 versions
to start up at 14.5V and operate down to 9V, and the ’43 and
’45 versions start at 8.4V with operation down to 7.6V. All
versions operate up to 20V.
When compared to bipolar UC384x devices operating from a
15V supply, start-up current has been reduced to 50µA
typical and operating current has been reduced to 4.0 mA
typical. Decreased output rise and fall times drive larger
MOSFETs, and rail-to-rail output capability increases effi-
ciency, especially at lower supply voltages. The MIC38HC4x
also features a trimmed oscillator discharge current and
bandgap reference.
MIC38HC4x-1 is available in 14-pin plastic DIP and SOIC
packages. 8-pin devices feature small size, while 14-pin
devices separate the analog and power connections for
improved performance and power dissipation.
Functional Diagram
Features
• Fast 20ns output rise and 15ns output fall times
• –40°C to +85°C temperature range
exceeds UC284x specifications
•High-performance, low-power BiCMOS Process
•Ultralow start-up current (50µA typical)
• Low operating current (4mA typical)
•High output drive (1A peak current, HC version)
• CMOS outputs with rail-to-rail swing
• Current-mode operation up to 500kHz
•Trimmed 5V bandgap reference
•Pin-for-pin compatible with UC3842/3843/3844/3845(A)
•Trimmed oscillator discharge current
• UVLO with hysteresis
• Low cross-conduction currents
Applications
• Current-mode, off-line, switched-mode power supplies
• Current-mode, dc-to-dc converters.
•Step-down “buck” regulators
•Step-up “boost” regulators
•Flyback, isolated regulators
• Forward converters
• Synchronous FET converters
TQ
S
R
Q
R
2R
Oscillator
UVLO
5V
Reference
VDD
7 (12)
VREF
8 (14)
RT/CT
4 (7)
FB
2 (3)
2.5V
COMP
1 (1)
GND*(AGND)
5
(9)
ISNS
3 (5)
(VD)
(11)
OUT
6 (10)
(PGND)
(8)
( ) pins are on MIC38HC4x-1 (14-lead) versions only
* MIC38HC4x (8-lead) versions only
†
MIC38HC42, MIC38HC43 (96% max. duty cycle) versions only
‡
MIC38HC44, MIC38HC45 (50% max. duty cycle) versions only
†
‡
35V
*
*
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC38HC44

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38HC44 MICREL-MIC38HC44 Datasheet
86Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38HC44-1BM MICREL-MIC38HC44-1BM Datasheet
74Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38HC44-1BM MICREL-MIC38HC44-1BM Datasheet
86Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38HC44-1BN MICREL-MIC38HC44-1BN Datasheet
74Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38HC44-1BN MICREL-MIC38HC44-1BN Datasheet
86Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
More results

Similar Description - MIC38HC44

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
BiCMOS CURRENT MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
BiCMOS Current-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42 Datasheet
74Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42_11 Datasheet
86Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
BiCMOS Current-Mode PWM Controllers
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com