Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX409 Datasheet(PDF) 4 Page - Omega Engineering, Inc.

Part # PX409
Description  Micro-Machined Silicon Transducers wet/wet differential Pressure Models
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PX409 Datasheet(HTML) 4 Page - Omega Engineering, Inc.

  PX409 Datasheet HTML 1Page - Omega Engineering, Inc. PX409 Datasheet HTML 2Page - Omega Engineering, Inc. PX409 Datasheet HTML 3Page - Omega Engineering, Inc. PX409 Datasheet HTML 4Page - Omega Engineering, Inc. PX409 Datasheet HTML 5Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
B
B-246
UnI-DIREcTIonAL VoLTAGE
oUTPUT SPEcIFIcATIonS
output Voltage/Supply Voltage: 0 to 5 Vdc/
10 to 30 Vdc; 0 to 10 Vdc/15 to 30 Vdc
(change “5V” to “10V” in model number)
current Draw: 10 mA maximum
maximum current output: 2 mA (= 2500 Ω
minimum load resistance)
output Impedance: 100 Ω
Zero Balance:
Ranges > 2.5psi: ±0.5% typical (1% maximum)
Ranges ≤ 2.5psi: ±1% typical (2% maximum)
Span Setting:
Ranges > 2.5psi: ±0.5% typical (1% maximum)
Ranges ≤ 2.5psi: ±1% typical (2% maximum)
cABLE TERmInATIon*
connEcTIonS—VoLTAGE oUTPUT
* To order conduit fitting backend change model number
from
“PX409” to “PX409C”, no additional cost.
Note: To order 0 to 10 Vdc output, change “5V” to “10V” in model
number, no additional cost.
Ordering Examples: PX409-100DWU5V, 0 to 100 psi
uni-directional wet/wet differential pressure range, 0 to 5 Vdc output,
0.08% accuracy, 1
⁄4 NPT fittings, 2 m (6') cable.
PX419-015DWU5V, 0 to 15 psi uni-directional wet/wet differential
pressure range, 0 to 5 Vdc output, 0.08% accuracy, 1
⁄4 NPT fittings,
mini DIN connector.
PX429-10WDWU5V, 0 to 10 inH2O uni-directional wet/wet
differential pressure range, 0 to 5 Vdc output, 0.08% accuracy,
1
⁄4 NPT fittings, twist-lock connector plus PT06F10-6S,
mating connector.
weT/weT differenTial
PreSSure ModelS
uni-direcTional rangeS wiTh 0 to 5 Vdc ouTPuTS
PX429 TWIST-LocK
PX419/PX459
PX409 cABLE
Pin A
+EXC
Pin 1
+EXC
Red
+EXC
Pin B
-COM
Pin 2
-COM
Black
-EXC
Pin C
+SIG
Pin 3
+SIG
White
+SIG
Pin D
No Conn
Pin 4
No Conn Green No Conn
Pin E
No Connection
Pin F
No Connection
To Order
0 to 5 Vdc oUTPUT, 1⁄4 nPT mALE FITTInGS
RAnGE
mETRIc
moDEL no.
0 to 10 inH2O
25 mbar
PX409-10WDWU5V
0 to 1 psi
70 mbar
PX409-001DWU5V
0 to 2.5 psi
170 mbar
PX409-2.5DWU5V
0 to 5 psi
350 mbar
PX409-005DWU5V
0 to 15 psi
1 bar
PX409-015DWU5V
0 to 30 psi
2 bar
PX409-030DWU5V
0 to 50 psi
3.5 bar
PX409-050DWU5V
0 to 100 psi
7 bar
PX409-100DWU5V
0 to 150 psi
10 bar
PX409-150DWU5V
0 to 250 psi
17.5 bar
PX409-250DWU5V
0 to 500 psi
35 bar
PX409-500DWU5V
0 to 750 psi
50 bar
PX409-750DWU5V
0 to 1000 psi
70 bar
PX409-1.0KDWU5V
0 to 5 Vdc oUTPUT, 1⁄4 nPT mALE FITTInGS
RAnGE
mETRIc
moDEL no.
0 to 10 inH2O
25 mbar
PX4[*]9-10WDWU5V
0 to 1 psi
70 mbar
PX4[*]9-001DWU5V
0 to 2.5 psi
170 mbar
PX4[*]9-2.5DWU5V
0 to 5 psi
350 mbar
PX4[*]9-005DWU5V
0 to 15 psi
1 bar
PX4[*]9-015DWU5V
0 to 30 psi
2 bar
PX4[*]9-030DWU5V
0 to 50 psi
3.5 bar
PX4[*]9-050DWU5V
0 to 100 psi
7 bar
PX4[*]9-100DWU5V
0 to 150 psi
10 bar
PX4[*]9-150DWU5V
0 to 250 psi
17.5 bar
PX4[*]9-250DWU5V
0 to 500 psi
35 bar
PX4[*]9-500DWU5V
0 to 750 psi
50 bar
PX4[*]9-750DWU5V
0 to 1000 psi
70 bar
PX4[*]9-1.0KDWU5V
m12 or TWIST-LocK
TERmInATIon
0 to 5 Vdc oUTPUT, 1⁄4 nPT mALE FITTInGS
RAnGE
mETRIc
moDEL no.
0 to 10 inH2O
25 mbar
PX419-10WDWU5V
0 to 1 psi
70 mbar
PX419-001DWU5V
0 to 2.5 psi
170 mbar
PX419-2.5DWU5V
0 to 5 psi
350 mbar
PX419-005DWU5V
0 to 15 psi
1 bar
PX419-015DWU5V
0 to 30 psi
2 bar
PX419-030DWU5V
0 to 50 psi
3.5 bar
PX419-050DWU5V
0 to 100 psi
7 bar
PX419-100DWU5V
0 to 150 psi
10 bar
PX419-150DWU5V
0 to 250 psi
17.5 bar
PX419-250DWU5V
0 to 500 psi
35 bar
PX419-500DWU5V
0 to 750 psi
50 bar
PX419-750DWU5V
0 to 1000 psi
70 bar
PX419-1.0KDWU5V
mInI-DIn TERmInATIon
fast delivery!
Stock to 2 weeks
on Most Models
mini DIn
style.
Comes complete with 5-point NIST traceable calibration certificate.
[*] Enter “5” for PX459 M12 connector or “2” for PX429 twist lock
connector (mating PX429 connector sold separately).
metric threads
available, visit us online
PX419-100DWU5V,
100 psid range, 0 to 5 Vdc
output shown smaller than
actual size.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com