Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX409-001DWUI. Datasheet(PDF) 5 Page - Omega Engineering, Inc.

Part # PX409-001DWUI.
Description  Micro-Machined Silicon Transducers wet/wet differential Pressure Models
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PX409-001DWUI. Datasheet(HTML) 5 Page - Omega Engineering, Inc.

  PX409-001DWUI. Datasheet HTML 1Page - Omega Engineering, Inc. PX409-001DWUI. Datasheet HTML 2Page - Omega Engineering, Inc. PX409-001DWUI. Datasheet HTML 3Page - Omega Engineering, Inc. PX409-001DWUI. Datasheet HTML 4Page - Omega Engineering, Inc. PX409-001DWUI. Datasheet HTML 5Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
weT/weT differenTial
PreSSure ModelS uni-direcTional
rangeS wiTh 4 to 20 ma ouTPuTS
B-247
UnI-DIREcTIonAL
mA SPEcIFIcATIonS
output: 4 to 20 mA
Supply Voltage: 9 to 30 Vdc;
[9 to 20 Vdc above 105°C (229°F)]
max Loop Resistance: (Vs-9) x 50 Ω
Zero Balance:
Ranges > 2.5psi: ±0.5% typical (1% maximum)
Ranges ≤ 2.5psi: ±1% typical (2% maximum)
Span Setting:
Ranges > 2.5psi: ±0.5% typical (1% maximum)
Ranges ≤ 2.5psi: ±1% typical (2% maximum)
cABLE TERmInATIon*
connEcTIonS—cURREnT oUTPUT
* To order conduit fitting backend change model number
from
“PX409” to “PX409C”, no additional cost.
Ordering Examples: PX409-100DWUI, 0 to 100 psi uni-directional
wet/wet differential pressure range, 4 to 20 mA output, 0.08%
accuracy, 1
⁄4 NPT fittings, 2 m (6') cable.
PX419-015DWUI, 0 to 15 psi uni-directional wet/wet differential
pressure range, 4 to 20 mA output, 0.08% accuracy, 1
⁄4 NPT fittings,
mini DIN connector.
PX429-10WDWUI, 0 to 10 inH2O uni-directional wet/wet differential
pressure range, 4 to 20 mA output, 0.08% accuracy, 1
⁄4 NPT fittings,
twist-lock connector plus
PT06F10-6S, mating connector.
4 to 20 mA oUTPUT, 1⁄4 nPT mALE FITTInGS
RAnGE
mETRIc
moDEL no.
0 to 10 inH2O
25 mbar
PX419-10WDWUI
0 to 1 psi
70 mbar
PX419-001DWUI
0 to 2.5 psi
170 mbar
PX419-2.5DWUI
0 to 5 psi
350 mbar
PX419-005DWUI
0 to 15 psi
1 bar
PX419-015DWUI
0 to 30 psi
2 bar
PX419-030DWUI
0 to 50 psi
3.5 bar
PX419-050DWUI
0 to 100 psi
7 bar
PX419-100DWUI
0 to 150 psi
10 bar
PX419-150DWUI
0 to 250 psi
17.5 bar
PX419-250DWUI
0 to 500 psi
35 bar
PX419-500DWUI
0 to 750 psi
50 bar
PX419-750DWUI
0 to 1000 psi
70 bar
PX419-1.0KDWUI
mInI DIn TERmInATIon
PX429 TWIST-LocK
PX419/PX459
PX409 cABLE
Pin A
+SUP
Pin 1
+SUP
Red
+SUP
Pin B
-SUP
Pin 2
-SUP
Black
-SUP
Pin C
No Conn
Pin 3
No Conn White No Conn
Pin D
No Conn
Pin 4
No Conn Green No Conn
Pin E
No Connection
Pin F
No Connection
fast delivery!
Stock to 2 w
eeks
on Most Models
To Order
4 to 20 mA oUTPUT, 1⁄4 nPT mALE FITTInGS
RAnGE
mETRIc
moDEL no.
0 to 10 inH2O
25 mbar
PX409-10WDWUI
0 to 1 psi
70 mbar
PX409-001DWUI
0 to 2.5 psi
170 mbar
PX409-2.5DWUI
0 to 5 psi
350 mbar
PX409-005DWUI
0 to 15 psi
1 bar
PX409-015DWUI
0 to 30 psi
2 bar
PX409-030DWUI
0 to 50 psi
3.5 bar
PX409-050DWUI
0 to 100 psi
7 bar
PX409-100DWUI
0 to 150 psi
10 bar
PX409-150DWUI
0 to 250 psi
17.5 bar
PX409-250DWUI
0 to 500 psi
35 bar
PX409-500DWUI
0 to 750 psi
50 bar
PX409-750DWUI
0 to 1000 psi
70 bar
PX409-1.0KDWUI
PX429-005DWUI, 5 psid
range, 4 to 20 mA output,
shown smaller than
actual size.
Twist-lock
style.
metric threads
available, visit us online
4 to 20 mA oUTPUT, 1⁄4 nPT mALE FITTInGS
RAnGE
mETRIc
moDEL no.
0 to 10 inH2O
25 mbar
PX4[*]9-10WDWUI
0 to 1 psi
70 mbar
PX4[*]9-001DWUI
0 to 2.5 psi
170 mbar
PX4[*]9-2.5DWUI
0 to 5 psi
350 mbar
PX4[*]9-005DWUI
0 to 15 psi
1 bar
PX4[*]9-015DWUI
0 to 30 psi
2 bar
PX4[*]9-030DWUI
0 to 50 psi
3.5 bar
PX4[*]9-050DWUI
0 to 100 psi
7 bar
PX4[*]9-100DWUI
0 to 150 psi
10 bar
PX4[*]9-150DWUI
0 to 250 psi
17.5 bar
PX4[*]9-250DWUI
0 to 500 psi
35 bar
PX4[*]9-500DWUI
0 to 750 psi
50 bar
PX4[*]9-750DWUI
0 to 1000 psi
70 bar
PX4[*]9-1.0KDWUI
m12 or TWIST-LocK
TERmInATIon
Comes complete with 5-point NIST traceable calibration certificate.
[*] Enter “5” for PX459 M12 connector or “2” for PX429 twist lock
connector (mating PX429 connector sold separately).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com