| Electronic Components Datasheet Search |
|
PCF8883US/7EA/1 Datasheet(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8883US/7EA/1 Datasheet(HTML) 29 Page - NXP Semiconductors |
|
29 / 35 page ![]() PCF8883 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 4.1 — 14 September 2016 29 of 35 NXP Semiconductors PCF8883 Capacitive touch/proximity switch with auto-calibration 21. Abbreviations 22. References [1] AN10365 — Surface mount reflow soldering description [2] AN10439 — Wafer Level Chip Size Package [3] AN10706 — Handling bare die [4] AN10832 — PCF8883 - capacitive proximity switch with auto-calibration [5] AN11122 — Water and condensation safe touch sensing with the NXP capacitive touch sensors [6] IEC 60134 — Rating systems for electronic tubes and valves and analogous semiconductor devices [7] IEC 61340-5 — Protection of electronic devices from electrostatic phenomena [8] IPC/JEDEC J-STD-020D — Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices [9] JESD22-A114 — Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model (HBM) [10] JESD22-A115 — Electrostatic Discharge (ESD) Sensitivity Testing Machine Model (MM) [11] JESD78 — IC Latch-Up Test [12] JESD625-A — Requirements for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices [13] UM10370 — PCF8883 evaluation board [14] UM10569 — Store and transport requirements Table 16. Abbreviations Acronym Description CMOS Complementary Metal Oxide Semiconductor HBM Human Body Model IC Integrated Circuit MM Machine Model MOS Metal Oxide Semiconductor MOSFET Metal–Oxide–Semiconductor Field-Effect Transistor MSL Moisture Sensitivity Level PCB Printed-Circuit Board RC Resistance-Capacitance RF Radio Frequency SMD Surface Mount Device |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |