| Electronic Components Datasheet Search |
|
PCF8883US/7EA/1Y Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8883US/7EA/1Y Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 35 page ![]() PCF8883 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 4.1 — 14 September 2016 7 of 35 NXP Semiconductors PCF8883 Capacitive touch/proximity switch with auto-calibration If the capacitance on pin IN increases, the discharge time tdch increases too. Therefore it takes longer for the voltage on the corresponding comparator to drop below Vref. Only once this happens, the comparator output becomes LOW and this results in a pulse on CDN discharging the external capacitor CCPC slightly. Thus most pulses will now be given by CUP. Without further action, capacitor CCPC would then fully charge. However, a chip-internal automatic calibration mechanism that is based on a voltage controlled sink current (Isink) connected to pin IN attempts to equalize the discharge time tdch with the internal reference discharge time tdch(ref). The current source is controlled by the voltage on CCPC which causes the capacitance on pin IN to be discharged more quickly in the case that the voltage on CCPC is rising, thereby compensating for the increase in capacitance on input pin IN. This arrangement constitutes a closed-loop control system that constantly attempts to equalize the discharge time tdch with tdch(ref). This allows compensating for slow changes in capacitance on input pin IN. Fast changes due to an approaching hand for example will not be compensated. In the equilibrium state, the discharge times are equal and the pulses alternate between CUP and CDN. From this also follows, that an increase in capacitor value CCPC results in a smaller voltage change per pulse CUP or CDN. Thus the compensation due to internal current sink source Isink is slower and therefore the sensitivity of the sensor increases. Likewise a decrease in capacitor CCPC results in a lower sensitivity. (For further information see Section 14.) CSENS = sensing plate capacitance. RC = external discharge (pull-down) resistor. RF = low pass filter resistor. CF = low pass filter capacitor. Fig 5. Functional principle of the PCF8883 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |