Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT3383CPWR.B Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74CBT3383CPWR.B
Description  SN74CBT3383C 10-Bit FET Bus-Exchange Switch 5-V Bus Switch With −2-V Undershoot Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74CBT3383CPWR.B Datasheet(HTML) 2 Page - Texas Instruments

  SN74CBT3383CPWR.B Datasheet HTML 1Page - Texas Instruments SN74CBT3383CPWR.B Datasheet HTML 2Page - Texas Instruments SN74CBT3383CPWR.B Datasheet HTML 3Page - Texas Instruments SN74CBT3383CPWR.B Datasheet HTML 4Page - Texas Instruments SN74CBT3383CPWR.B Datasheet HTML 5Page - Texas Instruments SN74CBT3383CPWR.B Datasheet HTML 6Page - Texas Instruments SN74CBT3383CPWR.B Datasheet HTML 7Page - Texas Instruments SN74CBT3383CPWR.B Datasheet HTML 8Page - Texas Instruments SN74CBT3383CPWR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Description (continued).................................................. 3
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings........................................ 5
7.2 ESD Ratings............................................................... 5
7.3 Recommended Operating Conditions.........................5
7.4 Thermal Information....................................................6
7.5 Electrical Characteristics.............................................6
7.6 Switching Characteristics ...........................................7
7.7 Undershoot Characteristics ........................................7
8 Parameter Measurement Information............................ 8
9 Detailed Description........................................................9
9.1 Overview..................................................................... 9
9.2 Functional Block Diagram........................................... 9
9.3 Feature Description...................................................10
9.4 Device Functional Modes..........................................10
10 Application and Implementation................................ 11
10.1 Application Information............................................11
10.2 Typical Application.................................................. 11
11 Power Supply Recommendations..............................12
12 Layout...........................................................................13
12.1 Layout Guidelines................................................... 13
12.2 Layout Example...................................................... 13
13 Device and Documentation Support..........................14
13.1 Receiving Notification of Documentation Updates..14
13.2 Support Resources................................................. 14
13.3 Trademarks.............................................................14
13.4 Electrostatic Discharge Caution..............................14
13.5 Glossary..................................................................14
14 Mechanical, Packaging, and Orderable
Information.................................................................... 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (September 2004) to Revision A (December 2022)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Added the Applications, Pin Configuration and Functions, ESD Ratings, Thermal Information, Detailed
Description, Application and Implementation, Power Supply Recommendation, and Layout sections.............. 1
• Removed the DGV and DB package information from the data sheet due to (RLOI)........................................ 1
• Updated the Design Requirements section.......................................................................................................11
SN74CBT3383C
SCDS175A – SEPTEMBER 2004 – REVISED DECEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN74CBT3383C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com