Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1207 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1207
Description  SMT Breakout PCB for SOIC-16 or TSSOP-16 - 3 Pack!
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1207 Datasheet(HTML) 2 Page - Adafruit Industries

  1207 Datasheet HTML 1Page - Adafruit Industries 1207 Datasheet HTML 2Page - Adafruit Industries 1207 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
-
DESCRIPTION
Beguiled by a fancy new chip that is only available in a SOIC or (T)SSOP pinout? This breakout PCB set will make
your life much much easier and get you prototyping faster than ever. One side has a 16-TSSOP pin out with traces
going to two rows of 0.1" spaced holes, the other has 16-SOIC. Solder your chip to either side and you're ready to
rock on any solderless breadboard.
Each item comes with three PCBs, each PCB is identical and can support either a SOIC (narrow, medium or wide
variety) or TSSOP. Standard thickness PCBs, with 0.6" spacing between the two rows. You can of course use a
smaller chip but the pin numbering wont be right so use care.
MAY WE ALSO SUGGEST...
(/products/1208)
SMT Breakout PCB for SOIC-28 or
(/products/1163)
SMT Breakout PCB for 32-QFN or
(/products/1206)
SMT Breakout PCB for SOIC-20 or
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com