Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16/2FPLR-SH-OR Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # 16/2FPLR-SH-OR
Description  Shielded Riser 2/C 16/1 AWG SBC, PVC Insulation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

16/2FPLR-SH-OR Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  16/2FPLR-SH-OR Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mailing: P.O. Box 276, Trenton, ON K 8V 5R5
Phone : 888- ELECTRO or 613
-394-4896
Fax : 613 -394 -4101 email : sales@electrocables
.com
www .electrocables .com
20-Jul-2018
Product Number :
Shielded Riser 2/C 16 /1 AWG SBC
PVC Insulation
White PVC Riser Jacket
1000 FEET
RoHS
16/2FPLR-SH-WT
General Specication of Product
:
Final Diameter :
0.174 inches
4.420 mm
Total Cable Weight :
45
30
kg/km
lbs/1000 ft
Conductor :
16 AWG Solid Bare Copper
PVC
Insulation :
Shield :
Foil Shield 0.625
22 AWG Solid STC Cond.
Drain \ Ground :
PVC
Outer Jacket :
Print Notes :
Sequentially marked per 2FT (0 - in nity)
Standard Print : STRUCTURED CABLE PRODUCTS - - -
P/N 16 /2FPLR -SH - - - RISER FIRE
ALARM CABLE
(UL) CL 2R/ CL 3R E198137 -SCP OR FPLR
(UL) C( UL) CMG
CMR SHIELDED
2/C 16 AWG SOLID PVC JKT --- ZONE
/DEVICE A B C D E 0 1
2 3 4 5 6 7 8 9 RoHS
Electrical Characteristics
:
DC Resistance 25 °C: 4.2 Ohms / 1000 ft
65.1 pF/ft
Mutual Capacitance :
Cond to Shield Cap. :
121 pF/ft
40 Ohms
Impedance :
63 %
Velocity of Prop :
1.3 mH/km
Inductance. :
Additional Information
:
UNCONTROLLED COPY
SpecSheets .rpt
Part Spec Rev : 1
06/09/15
2961602.02S.1000
QMS Registered ISO 9001
( All of the above values are approximated to within
+/- 10%
)
Mailing: P.O. Box 276, Trenton, ON K 8V 5R5
SPECIFICATION SHEET
Phone : 888- ELECTRO or 613
-394-4896
Fax : 613 -394 -4101 email : sales@electrocables
.com
www .electrocables .com
20-Jul-2018
Cabled OD Avg:
Ins Thickness: 0.010
Jkt Thickness: 0.015
Certied: UL CL 2R/ CL 3R OR FPLR /CMG /CMR
Flame Rating: Riser
Max Voltage: 300 V
Packaging: Plywood Spool 12 x 7 x
5"
Packaged Weight: 30 lbs / 14 kgs
QMS Registered ISO 9001
( All of the above values are approximated to within
+/- 10%
)
SCP PART#: 16/2FPLR-SH-XX
DESCRIPTION:
Shielded Riser 2/C 16/1 AWG SBC, PVC Insulation,
PVC Riser Jacket, 1000 FEET/305M
Mailing: P.O. Box 276, Trenton, ON K 8V 5R5
SPECIFICATION SHEET
Phone : 888- ELECTRO or 613
-394-4896
Fax : 613 -394 -4101 email : sales@electrocables
.com
www .electrocables .com
20-Jul-2018
Cabled OD Avg:
Ins Thickness: 0.010
Jkt Thickness: 0.015
Certied: UL CL 2R/ CL 3R OR FPLR /CMG /CMR
Flame Rating: Riser
Max Voltage: 300 V
Packaging: Plywood Spool 12 x 7 x
5"
Packaged Weight: 30 lbs / 14 kgs
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: +1-866-470-5742
Part Number:
16/2FPLR-SH
16/2FPLR-SH-OR
16/2FPLR-SH-WT
Jacket Color:
Part Number:
Jacket Color:
Red
Orange
White


Similar Part No. - 16/2FPLR-SH-OR

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
16/2FPLR-BL STRUCTURED-CABLE-16/2FPLR-BL Datasheet
268Kb / 1P
2C/16 AWG SOLID FPLR PVC - 1000 FT SPOOL
16/2FPLR-GN STRUCTURED-CABLE-16/2FPLR-GN Datasheet
268Kb / 1P
2C/16 AWG SOLID FPLR PVC - 1000 FT SPOOL
16/2FPLR-WT STRUCTURED-CABLE-16/2FPLR-WT Datasheet
268Kb / 1P
2C/16 AWG SOLID FPLR PVC - 1000 FT SPOOL
16/2FPLR-YL STRUCTURED-CABLE-16/2FPLR-YL Datasheet
268Kb / 1P
2C/16 AWG SOLID FPLR PVC - 1000 FT SPOOL
More results

Similar Description - 16/2FPLR-SH-OR

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C4344A GENERAL-C4344A Datasheet
59Kb / 1P
2C 16 AWG Solid BC Shielded PVC / PVC Fire Alarm / Life Safety Cable
E3512S GENERAL-E3512S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC PVC / PVC
E3624S GENERAL-E3624S Datasheet
58Kb / 1P
4C 14 AWG SBC PVC, OAS, PVC SOUND / ALARM AND SECURITY CABLE
logo
List of Unclassifed Man...
1344902 ETC2-1344902 Datasheet
98Kb / 3P
16 AWG stranded (19x29) tinned copper conductors, PVC insulation
1300A ETC2-1300A Datasheet
109Kb / 4P
4 twisted pairs shielded, 24 AWG solid bare copper conductors, riser rated, polyolefin insulation
logo
Belden Inc.
8471 BELDEN-8471 Datasheet
240Kb / 3P
Electronic, 2 C #16 Str TC, PVC Ins, PVC Jkt, CMG
9451 BELDEN-9451 Datasheet
268Kb / 2P
Audio Cable, 1 Pair 22 AWG TC, Shielded, Riser
8677 BELDEN-8677 Datasheet
153Kb / 2P
Electronic, 2 C #16 Str BC, PVC Ins
Product Description
5300FH BELDEN-5300FH Datasheet
152Kb / 2P
Security & Sound, 2 Conductor 18 AWG, TC, Shielded, Riser
12-20-2022
5200UH BELDEN-5200UH Datasheet
150Kb / 2P
Security & Sound, 2 Conductor 16 AWG, TC, Riser
12-20-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com